Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH27030S-AMP1 Datasheet(PDF) 1 Page - Cree, Inc

Part # CGH27030S-AMP1
Description  30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH27030S-AMP1 Datasheet(HTML) 1 Page - Cree, Inc

  CGH27030S-AMP1 Datasheet HTML 1Page - Cree, Inc CGH27030S-AMP1 Datasheet HTML 2Page - Cree, Inc CGH27030S-AMP1 Datasheet HTML 3Page - Cree, Inc CGH27030S-AMP1 Datasheet HTML 4Page - Cree, Inc CGH27030S-AMP1 Datasheet HTML 5Page - Cree, Inc CGH27030S-AMP1 Datasheet HTML 6Page - Cree, Inc CGH27030S-AMP1 Datasheet HTML 7Page - Cree, Inc CGH27030S-AMP1 Datasheet HTML 8Page - Cree, Inc CGH27030S-AMP1 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Subject to change without notice.
www.cree.com/rf
CGH27030S
30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Cree’s CGH27030S is an unmatched, gallium nitride (GaN) high electron mobility transistor
(HEMT) designed specifically for high efficiency, high gain and wide bandwidth capabilities,
which makes the CGH27030S ideal for LTE, 4G Telecom and BWA amplifier applications. The
CGH27030S operates from a 28 volt rail. The transistor is available in a 3mm x 4mm, surface
mount, dual-flat-no-lead (DFN) package.
Package Type: 3x4 DFN
PN: CGH27030S
Typical Performance 1.8 - 2.2 GHz (T
C = 25˚C) , 28 V
Parameter
1.8 GHz
2.0 GHz
2.2 GHz
Units
Small Signal Gain
20.0
20.4
19.5
dB
Adjacent Channel Power @ P
OUT =5 W
-39.5
-42.1
-39.1
dBc
Drain Efficiency @ P
OUT = 5 W
31.8
32.8
33.8
%
Input Return Loss
-4.2
-6.4
-7.7
dB
Note:
Measured in the CGH27030S-AMP1 application circuit.
Under 7.5 dB PAR single carrier WCDMA signal test model 1 with 64 DPCH.
Typical Performance 2.3 - 2.7 GHz (T
C = 25˚C) , 28 V
Parameter
2.3 GHz
2.5 GHz
2.7 GHz
Units
Small Signal Gain
21.1
20.6
20.0
dB
Adjacent Channel Power @ P
OUT =3.2 W
-32.0
-36.4
-33.6
dBc
Drain Efficiency @ P
OUT = 3.2 W
37.8
36.2
35.0
%
Input Return Loss
-7.3
-7.9
-7.2
dB
Note:
Measured in the CGH27030S-AMP2 application circuit.
Under 7.5 dB PAR single carrier WCDMA signal test model 1 with 64 DPCH.
Features for 28 V in CGH27030S-AMP1
1.8 - 2.2 GHz Operation
30 W Typical Output Power
18 dB Gain at 5 W P
AVE
-39 dBc ACLR at 5 W P
AVE
33% efficiency at 5 W P
AVE
High degree of APD and DPD correction can be
applied
Features for 28 V in CGH27030S-AMP2
2.3 - 2.7 GHz Operation
30 W Typical Output Power
18.5 dB Gain at 5 W P
AVE
-39 dBc ACLR at 5 W P
AVE
36% efficiency at 5 W P
AVE
High degree of APD and DPD correction can be
applied


Similar Part No. - CGH27030S-AMP1

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH27030S WOLFSPEED-CGH27030S Datasheet
2Mb / 15P
   30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev. 4.6, 2022-11-3
More results

Similar Description - CGH27030S-AMP1

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH27030S WOLFSPEED-CGH27030S Datasheet
2Mb / 15P
   30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev. 4.6, 2022-11-3
CGHV27030S WOLFSPEED-CGHV27030S Datasheet
5Mb / 27P
   30 W, DC - 6.0 GHz, GaN HEMT
Rev. 6.0, 2022-7-14
logo
Cree, Inc
CGHV27030S CREE-CGHV27030S Datasheet
3Mb / 28P
   30 W, DC - 6.0 GHz, GaN HEMT
logo
WOLFSPEED, INC.
CGH60030D WOLFSPEED-CGH60030D Datasheet
1Mb / 9P
   30 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-1
logo
Cree, Inc
CGH60030D CREE-CGH60030D Datasheet
622Kb / 8P
   30 W, 6.0 GHz, GaN HEMT Die
CGHV27015S CREE-CGHV27015S Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV27015S WOLFSPEED-CGHV27015S Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev. 4.0, 2022-8-3
CGHV40030 WOLFSPEED-CGHV40030 Datasheet
3Mb / 15P
   30 W, DC - 6 GHz, 50 V, GaN HEMT
Rev. 1.6, 2022-12-13
logo
Qorvo, Inc
T2G6001528-Q3 QORVO-T2G6001528-Q3_V01 Datasheet
2Mb / 16P
   18 W, 28 V, DC – 6.0 GHz, GaN Power Transistor
December 2021
logo
Cree, Inc
CGH60060D CREE-CGH60060D Datasheet
618Kb / 7P
   60 W, 6.0 GHz, GaN HEMT Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com