Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH27015 Datasheet(PDF) 6 Page - Cree, Inc

Part # CGH27015
Description  15 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH27015 Datasheet(HTML) 6 Page - Cree, Inc

Back Button CGH27015 Datasheet HTML 2Page - Cree, Inc CGH27015 Datasheet HTML 3Page - Cree, Inc CGH27015 Datasheet HTML 4Page - Cree, Inc CGH27015 Datasheet HTML 5Page - Cree, Inc CGH27015 Datasheet HTML 6Page - Cree, Inc CGH27015 Datasheet HTML 7Page - Cree, Inc CGH27015 Datasheet HTML 8Page - Cree, Inc CGH27015 Datasheet HTML 9Page - Cree, Inc CGH27015 Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/wireless
6
CGH27015 Rev 4.0
Copyright © 2005-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Source and Load Impedances
Frequency (MHz)
Z Source
Z Load
2300
17.8 - j1.5
16.8 - j1.7
2400
20.3 - j4.0
16.9 - j0.8
2500
20.6 - j7.9
17.2 + j0.2
2600
18.2 - j11.3
17.7 + j1.3
2700
14.6 - j12.6
19.1 + j2.4
Note 1. V
DD = 28V, IDQ = 200mA in the 440166 package.
Note 2. Impedances are extracted from the CGH27015-AMP demonstration amplifier
and are not source and load pull data derived from the transistor.
CGH27015 Power Dissipation De-rating Curve
Note 1. Area exceeds Maximum Case Operating Temperature (See Page 2).
D
Z Source
Z Load
G
S
10
12
14
16
CGH40010F CW Power Dissipation De-rating Curve
0
2
4
6
8
0
25
50
75
100
125
150
175
200
225
250
Maximum Case Temperature (°C)
Note 1


Similar Part No. - CGH27015

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH27015 WOLFSPEED-CGH27015 Datasheet
3Mb / 12P
   15 W, 28 V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev. 4.2, 2022-11-3
logo
Cree, Inc
CGH27015F CREE-CGH27015F Datasheet
1Mb / 8P
   15 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
More results

Similar Description - CGH27015

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH27030 CREE-CGH27030 Datasheet
1Mb / 12P
   30 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
CGH27030F CREE-CGH27030F_15 Datasheet
1Mb / 12P
   30 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
logo
WOLFSPEED, INC.
CGH27015 WOLFSPEED-CGH27015 Datasheet
3Mb / 12P
   15 W, 28 V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev. 4.2, 2022-11-3
logo
Cree, Inc
CGH27060F CREE-CGH27060F_15 Datasheet
1Mb / 12P
   60 W Peak, 28V, GaN HEMT for Linear Communications from VHF to 3 GHz
logo
WOLFSPEED, INC.
CGH27030 WOLFSPEED-CGH27030 Datasheet
2Mb / 12P
   30 W, 28 V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev. 4.2, 2022-10-20
CGH27060F WOLFSPEED-CGH27060F Datasheet
4Mb / 12P
   60 W Peak, 28 V, GaN HEMT for Linear Communications from VHF to 3 GHz
Rev. 5.2, 2022-11-11
CGH35015 WOLFSPEED-CGH35015 Datasheet
2Mb / 12P
   15 W, 3.3-3.9 GHz, 28V, GaN HEMT for WiMAX
Rev. 4.2, 2022-10-28
logo
Cree, Inc
CGH35015F CREE-CGH35015F Datasheet
773Kb / 9P
   15 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH27015F CREE-CGH27015F Datasheet
1Mb / 8P
   15 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
CGH35015 CREE-CGH35015 Datasheet
1,011Kb / 12P
   15 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com