Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH21240F Datasheet(PDF) 10 Page - Cree, Inc

Part # CGH21240F
Description  240 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH21240F Datasheet(HTML) 10 Page - Cree, Inc

Back Button CGH21240F Datasheet HTML 6Page - Cree, Inc CGH21240F Datasheet HTML 7Page - Cree, Inc CGH21240F Datasheet HTML 8Page - Cree, Inc CGH21240F Datasheet HTML 9Page - Cree, Inc CGH21240F Datasheet HTML 10Page - Cree, Inc CGH21240F Datasheet HTML 11Page - Cree, Inc CGH21240F Datasheet HTML 12Page - Cree, Inc CGH21240F Datasheet HTML 13Page - Cree, Inc CGH21240F Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
CGH21240F Rev 3.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2009-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
CGH21240F-AMP Demonstration Amplifier Circuit Schematic
CGH21240F-AMP Demonstration Amplifier Circuit Outline


Similar Part No. - CGH21240F

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH21240F WOLFSPEED-CGH21240F Datasheet
3Mb / 14P
   240 W, 1.8 - 2.3 GHz, GaN HEMT for WCDMA, LTE, WiMAX
Rev. 3.2, 2022-10-19
More results

Similar Description - CGH21240F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH21120F CREE-CGH21120F Datasheet
1Mb / 13P
   120 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
logo
WOLFSPEED, INC.
CGH21240F WOLFSPEED-CGH21240F Datasheet
3Mb / 14P
   240 W, 1.8 - 2.3 GHz, GaN HEMT for WCDMA, LTE, WiMAX
Rev. 3.2, 2022-10-19
logo
Cree, Inc
CGH25120F CREE-CGH25120F Datasheet
1Mb / 12P
   120 W, 2300-2700 MHz, GaN HEMT for WiMAX and LTE
logo
WOLFSPEED, INC.
CGH21120F WOLFSPEED-CGH21120F Datasheet
4Mb / 14P
   120 W, 1.8 - 2.3 GHz, GaN HEMT for WCDMA, LTE, WiMAX
Rev. 3.3, 2022-12-15
logo
Cree, Inc
CGH27030F CREE-CGH27030F Datasheet
791Kb / 8P
   30 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
CGH27015F CREE-CGH27015F Datasheet
1Mb / 8P
   15 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
CGH27060F CREE-CGH27060F Datasheet
824Kb / 8P
   60 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
CGHV22100 CREE-CGHV22100 Datasheet
1,006Kb / 11P
   100 W, 1800-2200 MHz, GaN HEMT for LTE
CGHV22200 CREE-CGHV22200 Datasheet
1Mb / 13P
   200 W, 1800-2200 MHz, GaN HEMT for LTE
CGH55015F1 CREE-CGH55015F1 Datasheet
1Mb / 13P
   15 W, 5500-5800 MHz, GaN HEMT for WiMAX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com