Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH21120F-AMP Datasheet(PDF) 6 Page - Cree, Inc

Part # CGH21120F-AMP
Description  120 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH21120F-AMP Datasheet(HTML) 6 Page - Cree, Inc

Back Button CGH21120F-AMP Datasheet HTML 2Page - Cree, Inc CGH21120F-AMP Datasheet HTML 3Page - Cree, Inc CGH21120F-AMP Datasheet HTML 4Page - Cree, Inc CGH21120F-AMP Datasheet HTML 5Page - Cree, Inc CGH21120F-AMP Datasheet HTML 6Page - Cree, Inc CGH21120F-AMP Datasheet HTML 7Page - Cree, Inc CGH21120F-AMP Datasheet HTML 8Page - Cree, Inc CGH21120F-AMP Datasheet HTML 9Page - Cree, Inc CGH21120F-AMP Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
CGH21120F Rev 3.1
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2008-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical Performance
Simulated Maximum Available Gain and K Factor of the CGH21120F
V
DD = 28 V, IDQ = 500 mA
Typical Noise Performance
Simulated Minimum Noise Figure and Noise Resistance vs Frequency of the CGH21120F
V
DD = 28 V, IDQ = 500 mA
Electrostatic Discharge (ESD) Classifications
Parameter
Symbol
Class
Test Methodology
Human Body Model
HBM
1A (> 250 V)
JEDEC JESD22 A114-D
Charge Device Model
CDM
II (200 < 500 V)
JEDEC JESD22 C101-C


Similar Part No. - CGH21120F-AMP

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH21120F WOLFSPEED-CGH21120F Datasheet
4Mb / 14P
   120 W, 1.8 - 2.3 GHz, GaN HEMT for WCDMA, LTE, WiMAX
Rev. 3.3, 2022-12-15
More results

Similar Description - CGH21120F-AMP

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH21240F CREE-CGH21240F Datasheet
1Mb / 15P
   240 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
CGH25120F CREE-CGH25120F Datasheet
1Mb / 12P
   120 W, 2300-2700 MHz, GaN HEMT for WiMAX and LTE
logo
WOLFSPEED, INC.
CGH21120F WOLFSPEED-CGH21120F Datasheet
4Mb / 14P
   120 W, 1.8 - 2.3 GHz, GaN HEMT for WCDMA, LTE, WiMAX
Rev. 3.3, 2022-12-15
logo
Cree, Inc
CGH27030F CREE-CGH27030F Datasheet
791Kb / 8P
   30 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
logo
WOLFSPEED, INC.
CGH21240F WOLFSPEED-CGH21240F Datasheet
3Mb / 14P
   240 W, 1.8 - 2.3 GHz, GaN HEMT for WCDMA, LTE, WiMAX
Rev. 3.2, 2022-10-19
logo
Cree, Inc
CGH27015F CREE-CGH27015F Datasheet
1Mb / 8P
   15 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
CGH27060F CREE-CGH27060F Datasheet
824Kb / 8P
   60 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
CGHV22100 CREE-CGHV22100 Datasheet
1,006Kb / 11P
   100 W, 1800-2200 MHz, GaN HEMT for LTE
CGHV22200 CREE-CGHV22200 Datasheet
1Mb / 13P
   200 W, 1800-2200 MHz, GaN HEMT for LTE
logo
WOLFSPEED, INC.
CGH25120F WOLFSPEED-CGH25120F Datasheet
3Mb / 12P
   120 W, 2.3-2.7 GHz, GaN HEMT for WiMAX and LTE
Rev. 3.4, 10-20-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com