Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH21120F-AMP Datasheet(PDF) 10 Page - Cree, Inc

Part # CGH21120F-AMP
Description  120 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH21120F-AMP Datasheet(HTML) 10 Page - Cree, Inc

Back Button CGH21120F-AMP Datasheet HTML 5Page - Cree, Inc CGH21120F-AMP Datasheet HTML 6Page - Cree, Inc CGH21120F-AMP Datasheet HTML 7Page - Cree, Inc CGH21120F-AMP Datasheet HTML 8Page - Cree, Inc CGH21120F-AMP Datasheet HTML 9Page - Cree, Inc CGH21120F-AMP Datasheet HTML 10Page - Cree, Inc CGH21120F-AMP Datasheet HTML 11Page - Cree, Inc CGH21120F-AMP Datasheet HTML 12Page - Cree, Inc CGH21120F-AMP Datasheet HTML 13Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
CGH21120F Rev 3.1
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2008-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical Package S-Parameters for CGH21120F
(Small Signal, V
DS = 28 V, IDQ = 0.5 A, angle in degrees)
Frequency
Mag S11
Ang S11
Mag S21
Ang S21
Mag S12
Ang S12
Mag S22
Ang S22
500 MHz
0.961
179.86
3.67
68.26
0.007
-16.54
0.722
-173.72
600 MHz
0.960
178.22
3.09
63.27
0.007
-20.46
0.732
-173.18
700 MHz
0.959
176.75
2.69
58.41
0.007
-24.23
0.744
-172.73
800 MHz
0.957
175.36
2.40
53.65
0.007
-27.89
0.755
-172.37
900 MHz
0.955
173.99
2.19
48.94
0.007
-31.47
0.768
-172.12
1.0 GHz
0.952
172.61
2.03
44.26
0.008
-35.01
0.780
-171.96
1.1 GHz
0.949
171.20
1.91
39.56
0.008
-38.53
0.792
-171.88
1.2 GHz
0.944
169.72
1.82
34.81
0.008
-42.08
0.805
-171.88
1.3 GHz
0.938
168.15
1.77
29.95
0.008
-45.70
0.817
-171.94
1.4 GHz
0.930
166.46
1.74
24.91
0.009
-49.47
0.829
-172.06
1.5 GHz
0.920
164.63
1.73
19.59
0.009
-53.47
0.842
-172.23
1.6 GHz
0.907
162.63
1.75
13.89
0.010
-57.82
0.854
-172.45
1.7 GHz
0.889
160.43
1.80
7.63
0.011
-62.66
0.868
-172.72
1.8 GHz
0.863
158.03
1.87
0.61
0.011
-68.22
0.882
-173.07
1.9 GHz
0.828
155.48
1.97
-7.46
0.013
-74.76
0.897
-173.54
2.0 GHz
0.780
153.01
2.10
-16.94
0.014
-82.64
0.914
-174.18
2.1 GHz
0.715
151.22
2.24
-28.22
0.015
-92.25
0.932
-175.11
2.2 GHz
0.637
151.48
2.36
-41.58
0.017
-103.85
0.948
-176.42
2.3 GHz
0.566
155.82
2.42
-56.84
0.017
-117.27
0.958
-178.09
2.4 GHz
0.541
164.16
2.38
-73.11
0.017
-131.60
0.958
-179.89
2.5 GHz
0.577
171.39
2.22
-88.96
0.017
-145.40
0.949
178.57
2.6 GHz
0.643
173.87
2.01
-103.24
0.015
-157.52
0.935
177.50
2.7 GHz
0.708
172.59
1.79
-115.54
0.014
-167.55
0.922
176.84
2.8 GHz
0.760
169.28
1.60
-126.07
0.013
-175.66
0.912
176.44
2.9 GHz
0.796
164.87
1.44
-135.23
0.012
177.73
0.905
176.14
3.0 GHz
0.821
159.63
1.32
-143.50
0.011
172.16
0.900
175.88
3.2 GHz
0.843
146.16
1.17
-158.98
0.010
162.55
0.894
175.28
3.4 GHz
0.835
125.42
1.13
-175.91
0.010
152.13
0.891
174.54
3.6 GHz
0.799
88.32
1.17
161.01
0.011
136.18
0.888
173.59
3.8 GHz
0.786
21.79
1.15
126.34
0.011
109.17
0.886
172.34
4.0 GHz
0.879
-50.56
0.84
87.99
0.008
78.81
0.879
170.82
4.2 GHz
0.951
-93.77
0.52
61.47
0.006
60.37
0.869
169.25
4.4 GHz
0.979
-116.72
0.33
44.97
0.004
51.78
0.856
167.49
4.6 GHz
0.990
-130.14
0.22
33.45
0.003
47.74
0.840
165.43
4.8 GHz
0.994
-138.83
0.16
24.22
0.002
45.41
0.819
162.96
5.0 GHz
0.997
-144.91
0.12
15.93
0.002
43.34
0.789
159.95
5.2 GHz
0.998
-149.42
0.10
7.73
0.002
40.67
0.746
156.25
5.4 GHz
0.998
-152.92
0.08
-1.09
0.002
36.72
0.683
151.66
5.6 GHz
0.999
-155.72
0.07
-11.28
0.002
30.81
0.589
146.08
5.8 GHz
0.999
-158.03
0.06
-23.63
0.002
22.20
0.449
140.15
6.0 GHz
0.999
-159.97
0.05
-38.80
0.002
10.30
0.254
139.99
To download the s-parameters in s2p format, go to the CGH21120F Product Page and click on the documentation tab.


Similar Part No. - CGH21120F-AMP

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH21120F WOLFSPEED-CGH21120F Datasheet
4Mb / 14P
   120 W, 1.8 - 2.3 GHz, GaN HEMT for WCDMA, LTE, WiMAX
Rev. 3.3, 2022-12-15
More results

Similar Description - CGH21120F-AMP

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH21240F CREE-CGH21240F Datasheet
1Mb / 15P
   240 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
CGH25120F CREE-CGH25120F Datasheet
1Mb / 12P
   120 W, 2300-2700 MHz, GaN HEMT for WiMAX and LTE
logo
WOLFSPEED, INC.
CGH21120F WOLFSPEED-CGH21120F Datasheet
4Mb / 14P
   120 W, 1.8 - 2.3 GHz, GaN HEMT for WCDMA, LTE, WiMAX
Rev. 3.3, 2022-12-15
logo
Cree, Inc
CGH27030F CREE-CGH27030F Datasheet
791Kb / 8P
   30 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
logo
WOLFSPEED, INC.
CGH21240F WOLFSPEED-CGH21240F Datasheet
3Mb / 14P
   240 W, 1.8 - 2.3 GHz, GaN HEMT for WCDMA, LTE, WiMAX
Rev. 3.2, 2022-10-19
logo
Cree, Inc
CGH27015F CREE-CGH27015F Datasheet
1Mb / 8P
   15 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
CGH27060F CREE-CGH27060F Datasheet
824Kb / 8P
   60 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
CGHV22100 CREE-CGHV22100 Datasheet
1,006Kb / 11P
   100 W, 1800-2200 MHz, GaN HEMT for LTE
CGHV22200 CREE-CGHV22200 Datasheet
1Mb / 13P
   200 W, 1800-2200 MHz, GaN HEMT for LTE
logo
WOLFSPEED, INC.
CGH25120F WOLFSPEED-CGH25120F Datasheet
3Mb / 12P
   120 W, 2.3-2.7 GHz, GaN HEMT for WiMAX and LTE
Rev. 3.4, 10-20-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com