Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGD15HB62P1 Datasheet(PDF) 4 Page - Cree, Inc

Part # CGD15HB62P1
Description  Gate Driver for 1200V, 62mm SiC MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGD15HB62P1 Datasheet(HTML) 4 Page - Cree, Inc

  CGD15HB62P1 Datasheet HTML 1Page - Cree, Inc CGD15HB62P1 Datasheet HTML 2Page - Cree, Inc CGD15HB62P1 Datasheet HTML 3Page - Cree, Inc CGD15HB62P1 Datasheet HTML 4Page - Cree, Inc CGD15HB62P1 Datasheet HTML 5Page - Cree, Inc CGD15HB62P1 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
CGD15HB62P1 Rev - , 09-2015
Driver Interface
Figure 2. Top View
X1 – 20 pos connector (FCI p/n# 71918-120LF)
1
COMMON
2
GATE UPPER
3
COMMON
4
RESET UPPER
5
COMMON
6
READY UPPER
7
COMMON
8
FAULT UPPER
9
COMMON
10
GATE LOWER
11
COMMON
12
RESET LOWER
13
COMMON
14
READY LOWER
15
COMMON
16
FAULT LOWER
17
COMMON
18
VCC IN
19
COMMON
20
VCC IN
X2
Desat top switch connector
X3
Desat lower switch connector
LED Status Indicators
FLT_T
Red LED illuminated indicates
there is a fault on the top
channel
FLT_B
Red LED illuminated indicates
there is a fault on the bottom
channel
RDY_T
Green LED illuminated
indicates top channel is
powered and ready
RDY_B
Green LED illuminated indicates
top channel is powered and
ready
RDY_B
-b
X2
X3
RDY_T
-b
FLT_T
-b
FLT_B
-b
X21
X20
X11
X10
X1


Similar Part No. - CGD15HB62P1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGD15HB62LP CREE-CGD15HB62LP Datasheet
439Kb / 8P
   Optimized for Cree?셲 High Performance
More results

Similar Description - CGD15HB62P1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGD15FB45P CREE-CGD15FB45P Datasheet
1Mb / 6P
   Six Channel SiC MOSFET Driver Gate Driver for 1200V SiC MOSFET Power Module
PT62SCMD12 CREE-PT62SCMD12 Datasheet
1,014Kb / 12P
   Dual 1200V SIC MOSFET driver
CPWR-AN10 CREE-CPWR-AN10 Datasheet
486Kb / 6P
   SiC MOSFET Isolated Gate Driver
logo
Inchange Semiconductor ...
GA100JT12-ISCFM8004 ISC-GA100JT12-ISCFM8004 Datasheet
365Kb / 5P
   SiC MOSFET Power Module
2023-9-26
GA100JT17-ISCFM8005 ISC-GA100JT17-ISCFM8005 Datasheet
365Kb / 5P
   SiC MOSFET Power Module
2023-9-26
logo
Cree, Inc
CGD15SG00D2 CREE-CGD15SG00D2 Datasheet
2Mb / 20P
   Gate Driver for Cree?셲 Generation 3 (C3MTM) SiC MOSFET
logo
NXP Semiconductors
MC33GD3100 NXP-MC33GD3100 Datasheet
508Kb / 18P
   Advanced IGBT/SiC gate driver
Rev. 9.0 - 5 March 2020
MC33GD3100 NXP-MC33GD3100_V01 Datasheet
480Kb / 21P
   Advanced IGBT/SiC gate driver
Rev. 10.0 - 29 September 2023
logo
Inchange Semiconductor ...
APTM100A13SCG ISC-APTM100A13SCG Datasheet
439Kb / 6P
   SiC diodes MOSFET Power Module
logo
Renesas Technology Corp
RAJ2930004AGM RENESAS-RAJ2930004AGM Datasheet
740Kb / 10P
   Gate Driver IC for IGBTs and SiC MOSFETs
Feb. 2023 Rev0.2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com