Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C527RT200-S0400 Datasheet(PDF) 2 Page - Cree, Inc

Part # C527RT200-S0400
Description  Reduced Forward Voltage 3.0 V Typical at 5 mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C527RT200-S0400 Datasheet(HTML) 2 Page - Cree, Inc

  C527RT200-S0400 Datasheet HTML 1Page - Cree, Inc C527RT200-S0400 Datasheet HTML 2Page - Cree, Inc C527RT200-S0400 Datasheet HTML 3Page - Cree, Inc C527RT200-S0400 Datasheet HTML 4Page - Cree, Inc C527RT200-S0400 Datasheet HTML 5Page - Cree, Inc C527RT200-S0400 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Copyright © 2008 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the
Cree logo, G•SiC and RazerThin are registered trademarks of Cree, Inc.
2
CPR3DS Rev. -
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703-8475 USA
Tel: +1-919-313-5300
Fax: +1-919-313-5870
www.cree.com/chips
Maximum Ratings at T
A = 25°C
Notes 1&3
CxxxRT200-Sxxxx
DCForwardCurrent
30mA
PeakForwardCurrent(1/10dutycycle@1kHz)
100mA
LEDJunctionTemperature
125°C
ReverseVoltage
5 V
OperatingTemperatureRange
-40°Cto+100°C
StorageTemperatureRange
-40°Cto+100°C
ElectrostaticDischargeThreshold(HBM)Note2
1000V
ElectrostaticDischargeClassification(MIL-STD-883E)Note2
Class2
Typical Electrical/Optical Characteristics at T
A = 25°C, IF = 5 mA
Note 3
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5V), μA]
Full Width Half Max.
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C460RT200-Sxxxx
2.7
3.0
3.3
1
24
C470RT200-Sxxxx
2.7
3.0
3.3
1
25
C527RT200-Sxxxx
2.7
3.1
3.4
1
40
Mechanical Specifications
CxxxRT200-Sxxxx
Description
Dimension
Tolerance
P-NJunctionArea(μm)
150x150
± 35
TopArea(μm)
200x200
± 35
BottomArea(μm)
170x170
± 35
ChipThickness(μm)
95
±15
AuBondPadDiameter(μm)
112
± 20
AuBondPadThickness(μm)
1.0
± 0.5
BackContactMetalWidth(μm)
90
±10
Notes:
1. Maximumratingsarepackagedependent.TheaboveratingsweredeterminedusingaT-13/4package(withHysolOS4000epoxy)
forcharacterization.SellermakesnorepresentationsregardingratingsforpackagesotherthantheT-13/4packageusedbySeller.
Theforwardcurrents(DCandPeak)arenotlimitedbytheG•SiCdiebutbytheeffectoftheLEDjunctiontemperatureonthe
package.Thejunctiontemperaturelimitof125°CisalimitoftheT-13/4package;junctiontemperatureshouldbecharacterized
inaspecificpackagetodeterminelimitations.Assemblyprocessingtemperaturemustnotexceed325°C(<5seconds).
2. Productresistancetoelectrostaticdischarge(ESD)ismeasuredbysimulatingESDusingarapidavalancheenergytest(RAET).
TheRAETproceduresaredesignedtoapproximatethemaximumESDratingsshown.Sellergivesnootherassurancesregarding
theabilityofProductstowithstandESD.
3. Allproductsconformtothelistedminimumandmaximumspecificationsforelectricalandopticalcharacteristicswhenassembled
andoperatedat5mAwithinthemaximumratingsshownabove.Efficiencydecreasesathighercurrents.Typicalvaluesgivenare
theaveragevaluesexpectedbySellerinlargequantitiesandareprovidedforinformationonly.Sellergivesnoassurancesproducts
shipped will exhibit such typical ratings. All measurements were made using lamps in T-1 3/4 packages (with Hysol OS4000
epoxy).DominantwavelengthmeasurementstakenusingIlluminanceE.
4. Specificationsaresubjecttochangewithoutnotice.


Similar Part No. - C527RT200-S0400

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C527RT200-S0400 CREE-C527RT200-S0400 Datasheet
376Kb / 6P
   Reduced Forward Voltage 3.0 V Typical at 5 mA
More results

Similar Description - C527RT200-S0400

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460RT200-S1200 CREE-C460RT200-S1200 Datasheet
376Kb / 6P
   Reduced Forward Voltage 3.0 V Typical at 5 mA
C460RT290-S0100 CREE-C460RT290-S0100_16 Datasheet
203Kb / 4P
   Reduced Forward Voltage 2.9 V Typical at 5 mA
C460RT260-S1600 CREE-C460RT260-S1600_16 Datasheet
196Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT320-0313 CREE-C460RT320-0313 Datasheet
375Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C460RT260-S1600 CREE-C460RT260-S1600 Datasheet
387Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT290-S0200 CREE-C460RT290-S0200_16 Datasheet
203Kb / 4P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT320-S1700 CREE-C460RT320-S1700_16 Datasheet
188Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C450UT190-S1200-31 CREE-C450UT190-S1200-31_16 Datasheet
283Kb / 6P
   Low Forward Voltage 2.9 V Typical at 5 mA
C460RT230-S0100 CREE-C460RT230-S0100_16 Datasheet
242Kb / 4P
   Low Forward Voltage 2.9 V Typical at 5 mA
C450UT190-S1400-30 CREE-C450UT190-S1400-30_16 Datasheet
298Kb / 6P
   Low Forward Voltage 2.9 V Typical at 5 mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com