Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C470RT200-S1000 Datasheet(PDF) 1 Page - Cree, Inc

Part # C470RT200-S1000
Description  Reduced Forward Voltage 3.0 V Typical at 5 mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C470RT200-S1000 Datasheet(HTML) 1 Page - Cree, Inc

  C470RT200-S1000 Datasheet HTML 1Page - Cree, Inc C470RT200-S1000 Datasheet HTML 2Page - Cree, Inc C470RT200-S1000 Datasheet HTML 3Page - Cree, Inc C470RT200-S1000 Datasheet HTML 4Page - Cree, Inc C470RT200-S1000 Datasheet HTML 5Page - Cree, Inc C470RT200-S1000 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Subject to change without notice.
www.cree.com
CxxxRT200-Sxxxx Chip Diagram
FEATURES
Thin95μmChip
Reduced Forward Voltage
3.0VTypicalat5mA
RazerThinLEDPerformance
460nm-10mWmin.
470nm-8mWmin.
527nm-2mWmin.
SingleWireBondStructure
Class2ESDRating
APPLICATIONS
MobilePhoneKeyPads
WhiteLEDs
BlueLEDs
GreenLEDs
CellularPhoneLCDBacklighting
AutomotiveDashboardLighting
LEDVideoDisplays
AudioProductDisplayLighting
Cree® RazerThin® Gen 3 LEDs
CxxxRT200-Sxxxx
Data Sheet
Cree’sRazerThinLEDsareanewgenerationofsolid-stateLEDemittersthatcombinehighlyefficientInGaNmaterials
withCree’sproprietaryG•SiC®substratetodeliversuperiorprice/performanceforhigh-intensityblueandgreen
LEDs. These vertically structured LED chips are approximately 95 microns in height and require a low forward
voltage.Cree’sRazerThinserieschipshavetheabilitytowithstand1000VESD.
Top View
Bottom View
G•SiCLEDChip
200x200μm
t=95μm
Backside
Metallization
GoldBondPad
112μmDiameter
Die Cross Section
Cathode(-)
Anode(+)
90 μmsquare
170x170μm


Similar Part No. - C470RT200-S1000

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C470RT200-S1000 CREE-C470RT200-S1000 Datasheet
376Kb / 6P
   Reduced Forward Voltage 3.0 V Typical at 5 mA
More results

Similar Description - C470RT200-S1000

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460RT200-S1200 CREE-C460RT200-S1200 Datasheet
376Kb / 6P
   Reduced Forward Voltage 3.0 V Typical at 5 mA
C460RT290-S0100 CREE-C460RT290-S0100_16 Datasheet
203Kb / 4P
   Reduced Forward Voltage 2.9 V Typical at 5 mA
C460RT260-S1600 CREE-C460RT260-S1600_16 Datasheet
196Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT320-0313 CREE-C460RT320-0313 Datasheet
375Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C460RT260-S1600 CREE-C460RT260-S1600 Datasheet
387Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT290-S0200 CREE-C460RT290-S0200_16 Datasheet
203Kb / 4P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT320-S1700 CREE-C460RT320-S1700_16 Datasheet
188Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C450UT190-S1200-31 CREE-C450UT190-S1200-31_16 Datasheet
283Kb / 6P
   Low Forward Voltage 2.9 V Typical at 5 mA
C460RT230-S0100 CREE-C460RT230-S0100_16 Datasheet
242Kb / 4P
   Low Forward Voltage 2.9 V Typical at 5 mA
C450UT190-S1400-30 CREE-C450UT190-S1400-30_16 Datasheet
298Kb / 6P
   Low Forward Voltage 2.9 V Typical at 5 mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com