Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C460MB290-S0800 Datasheet(PDF) 5 Page - Cree, Inc

Part # C460MB290-S0800
Description  Low Forward Voltage 3.2 V Typical at 20 mA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C460MB290-S0800 Datasheet(HTML) 5 Page - Cree, Inc

  C460MB290-S0800 Datasheet HTML 1Page - Cree, Inc C460MB290-S0800 Datasheet HTML 2Page - Cree, Inc C460MB290-S0800 Datasheet HTML 3Page - Cree, Inc C460MB290-S0800 Datasheet HTML 4Page - Cree, Inc C460MB290-S0800 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo,
G•SiC® and MegaBright® are registered trademarks, and MB™ is a trademark of Cree, Inc. Hysol® is a registered trademark of
Henkel Corporation.
5
CPR3CK Rev. D (201410)
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703-8475 USA
Tel: +1-919-313-5300
Fax: +1-919-313-5870
www.cree.com/chips
Radiation Pattern
This is a representative radiation pattern for the MB LED product. Actual patterns will
vary slightly for each chip.


Similar Part No. - C460MB290-S0800

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C460MB290-S1200 MARKTECH-C460MB290-S1200 Datasheet
279Kb / 7P
   MegaBright Generation II LEDs
C460MB290-S1400 MARKTECH-C460MB290-S1400 Datasheet
279Kb / 7P
   MegaBright Generation II LEDs
C460MB290-S1600 MARKTECH-C460MB290-S1600 Datasheet
279Kb / 7P
   MegaBright Generation II LEDs
logo
Cree, Inc
C460MB290-SXX00 CREE-C460MB290-SXX00 Datasheet
250Kb / 7P
   MegaBright짰 Generation II LEDs
More results

Similar Description - C460MB290-S0800

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460XT290-S2400-A CREE-C460XT290-S2400-A Datasheet
238Kb / 6P
   Low Forward Voltage - 3.2 Typical at 20 mA
C460RT260-S1600 CREE-C460RT260-S1600_16 Datasheet
196Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT260-S1600 CREE-C460RT260-S1600 Datasheet
387Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT290-S0200 CREE-C460RT290-S0200_16 Datasheet
203Kb / 4P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C450TR5270M-S20000 CREE-C450TR5270M-S20000_16 Datasheet
515Kb / 6P
   Low Forward Voltage -3.2 V Typical at 120 mA
C450TR5270-S20000 CREE-C450TR5270-S20000_16 Datasheet
552Kb / 6P
   Low Forward Voltage - 3.2 V Typical at 120 mA
C460RT230-S0200 CREE-C460RT230-S0200_16 Datasheet
248Kb / 4P
   Low Forward Voltage 3.1 V Typical at 20 mA - Blue & Traffic Green, 3.2 V Typical at 20 mA Green
C450TR2227-S2100 CREE-C450TR2227-S2100_16 Datasheet
356Kb / 5P
   Low Forward Voltage - 3.3 V Typical at 20 mA
C450TR2436-S3000 CREE-C450TR2436-S3000_16 Datasheet
290Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR2432-S2700 CREE-C450TR2432-S2700 Datasheet
297Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com