Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C460TR2432-S2700 Datasheet(PDF) 4 Page - Cree, Inc

Part # C460TR2432-S2700
Description  Low Forward Voltage - 3.1 V Typical at 20 mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C460TR2432-S2700 Datasheet(HTML) 4 Page - Cree, Inc

  C460TR2432-S2700 Datasheet HTML 1Page - Cree, Inc C460TR2432-S2700 Datasheet HTML 2Page - Cree, Inc C460TR2432-S2700 Datasheet HTML 3Page - Cree, Inc C460TR2432-S2700 Datasheet HTML 4Page - Cree, Inc C460TR2432-S2700 Datasheet HTML 5Page - Cree, Inc C460TR2432-S2700 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Copyright © 2008-2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree
and the Cree logo are registered trademarks, and TR and TR2432 are trademarks of Cree, Inc.
4
CPR3DQ Rev C
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703-8475 USA
Tel: +1-919-313-5300
Fax: +1-919-313-5870
www.cree.com/chips
Standard Bins for CxxxTR2432-Sxx00 (continued)
TR 470 nm Kits
TR 527 nm Kits
C470TR2432-S2400
C470TR2432-0313
C470TR2432-0314
C470TR2432-0315
C470TR2432-0316
C470TR2432-0309
C470TR2432-0310
C470TR2432-0311
C470TR2432-0312
C470TR2432-0305
C470TR2432-0306
C470TR2432-0307
C470TR2432-0308
C470TR2432-0301
C470TR2432-0302
C470TR2432-0303
C470TR2432-0304
Dominant Wavelength (nm)
467.5nm
470nm
472.5nm
465nm
475nm
33
30
27
24
C527TR2432-S0900
C527TR2432-0310
C527TR2432-0311
C527TR2432-0312
C527TR2432-0307
C527TR2432-0308
C527TR2432-0309
C527TR2432-0304
C527TR2432-0305
C527TR2432-0306
C527TR2432-0301
C527TR2432-0302
C527TR2432-0303
Dominant Wavelength (nm)
525
530
535
520
15
13
11
9


Similar Part No. - C460TR2432-S2700

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C460TR2432-S2400 MARKTECH-C460TR2432-S2400 Datasheet
350Kb / 6P
   Cree TR2432 LEDs
More results

Similar Description - C460TR2432-S2700

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR2436-S3000 CREE-C450TR2436-S3000_16 Datasheet
290Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
C460RT320-0313 CREE-C460RT320-0313 Datasheet
375Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C460RT320-S1700 CREE-C460RT320-S1700_16 Datasheet
188Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C460RT230-S0200 CREE-C460RT230-S0200_16 Datasheet
248Kb / 4P
   Low Forward Voltage 3.1 V Typical at 20 mA - Blue & Traffic Green, 3.2 V Typical at 20 mA Green
C450TR2436-S3000 CREE-C450TR2436-S3000 Datasheet
344Kb / 6P
   Rectangular LED Rf Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR2432-S2400 CREE-C450TR2432-S2400 Datasheet
350Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR2227-S2100 CREE-C450TR2227-S2100_16 Datasheet
356Kb / 5P
   Low Forward Voltage - 3.3 V Typical at 20 mA
C460MB290-S0800 CREE-C460MB290-S0800 Datasheet
527Kb / 5P
   Low Forward Voltage 3.2 V Typical at 20 mA
C450TR3050-S3600 CREE-C450TR3050-S3600 Datasheet
298Kb / 5P
   Low Forward Voltage - 2.95 V Typical at 20 mA
C460XT290-S2400-A CREE-C460XT290-S2400-A Datasheet
238Kb / 6P
   Low Forward Voltage - 3.2 Typical at 20 mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com