Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GOT3157W-832-PCT Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # GOT3157W-832-PCT
Description  Supports WLAN module & antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT3157W-832-PCT Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  GOT3157W-832-PCT_16 Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT3157W-832-PCT_16 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
544
Overview
Fanless
Touch Panel
Computers
Heavy-duty
Fanless Touch
Panel Computers
Industrial
Touch Panel
Computers
Industrial Touch
panel Monitors
Infotainment
Touch Panel
Computers
Open
Frame Panel
Computers
Healthcare
& Medical
Solutions
Accessories
2
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Ordering Information
Specifications
Optional EOS Installation
Optional OS Installation
Dimensions
I/O Connector
1 x RS-232 (COM 1)
1 x RS-232/422/485 (COM 2)
1 x Switch for power on/off (ATX)
1 x Audio (Line-out)
4 x USB 2.0
2 x 10/100/1000Mbps Ethernet
Expansion Interface
1 x PCIe Mini Card slot
Touchscreen
Projected capacitive multi-touch
Power Supply
10-30VDC
Dimensions
396 mm (15.6") (W) x 53.9 mm (2.12") (D)
x 247.1 mm (9.73") (H)
Packing Dimensions
525 mm (20.67") (W) x 186 mm (7.32") (D) x 470 mm (18.51") (H)
Weight (net/gross)
5.0 kg (11.02 lb)/7.0 kg (15.43 lb)
Environment
Operating temperature: -10°C ~ +50°C (+14°F ~ +122°F)
Storage Temperature: -20°C ~ +60°C (-4°F ~ +140°F)
Relative humidity: 20% ~ 90% @ 40°C; non-condensing
Operation vibration:
2G, 10 ~ 500Hz, random for CompactFlash™
Certificate
CE
GOT3157W-832-PCT-DC
15.6" WXGA TFT fanless touch panel computer with Intel®
Atom™ D2550 1.86 GHz dual core processor, projected
capacitive multi-touch screen and 10~30VDC terminal block
connector
Ideal for factory automation & self-service kiosk in retail
WES (single-touch function)
WES 7E (32-bit, single-touch function)
WES 7P (32-bit, multi-touch function)
Windows® XP (single-touch function)
Windows® 7 (32-bit, multi-touch function)


Similar Part No. - GOT3157W-832-PCT_16

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT3157W-832-PCT AXIOMTEK-GOT3157W-832-PCT Datasheet
481Kb / 2P
   IP65 front bezel
More results

Similar Description - GOT3157W-832-PCT_16

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT3187W-881-PCT AXIOMTEK-GOT3187W-881-PCT Datasheet
1Mb / 2P
   Supports WLAN module & antenna (optional)
GOT5100T-832 AXIOMTEK-GOT5100T-832_16 Datasheet
491Kb / 2P
   Supports WLAN module & internal antenna
GOT5840T-834 AXIOMTEK-GOT5840T-834 Datasheet
527Kb / 2P
   Supports WLAN module & internal antenna
GOT-3846T-832 AXIOMTEK-GOT-3846T-832 Datasheet
311Kb / 2P
   Supports WLAN module & external antenna
GOT-3126TL-830 AXIOMTEK-GOT-3126TL-830 Datasheet
389Kb / 2P
   Supports WLAN antenna
GOT-3156T-823 AXIOMTEK-GOT-3156T-823 Datasheet
264Kb / 2P
   Supports WLAN antenna
GOT-3571T AXIOMTEK-GOT-3571T Datasheet
344Kb / 2P
   Supports WLAN antenna
GOT-3570T AXIOMTEK-GOT-3570T Datasheet
344Kb / 2P
   Supports WLAN antenna
GOT3846T-832 AXIOMTEK-GOT3846T-832 Datasheet
406Kb / 2P
   Supports WLAN module and external antenna
logo
Pulse A Technitrol Comp...
W3078 PULSE-W3078 Datasheet
1Mb / 13P
   Dualband WLAN Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com