Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C450TR260-S3300 Datasheet(PDF) 2 Page - Cree, Inc

Part # C450TR260-S3300
Description  TR260 LEDs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C450TR260-S3300 Datasheet(HTML) 2 Page - Cree, Inc

  C450TR260-S3300_16 Datasheet HTML 1Page - Cree, Inc C450TR260-S3300_16 Datasheet HTML 2Page - Cree, Inc C450TR260-S3300_16 Datasheet HTML 3Page - Cree, Inc C450TR260-S3300_16 Datasheet HTML 4Page - Cree, Inc C450TR260-S3300_16 Datasheet HTML 5Page - Cree, Inc C450TR260-S3300_16 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Copyright © 2007-2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree
and the Cree logo are registered trademarks, and TR and TR260 are trademarks of Cree, Inc.
2
CPR3DK Rev C
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703-8475 USA
Tel: +1-919-313-5300
Fax: +1-919-313-5870
www.cree.com/chips
Maximum Ratings at T
A = 25°C
Notes 1&3
CxxxTR260-Sxx00
DCForwardCurrent
50mA
PeakForwardCurrent(1/10dutycycle@1kHz)
100mA
LEDJunctionTemperature
125°C
ReverseVoltage
5V
OperatingTemperatureRange
-40°Cto+100°C
LEDChipStorageTemperatureRange
-40°Cto+120°C
DieSheetStorageConditions
≤30°C/≤85%RH
ElectrostaticDischargeThreshold(HBM)Note2
1000V
ElectrostaticDischargeClassification(MIL-STD-883E)Note2
Class2
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 20 mA
Note 3
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5V), μA]
Full Width Half Max
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C450TR260-Sxx00
2.7
3.1
3.4
2
20
C460TR260-Sxx00
2.7
3.1
3.4
2
21
C470TR260-Sxx00
2.7
3.1
3.4
2
21
C527TR260-Sxx00
2.9
3.2
3.6
2
35
Mechanical Specifications
CxxxTR260-Sxx00
Description
Dimension
Tolerance
P-NJunctionArea(μm)
220x440
±35
ChipArea(μm)
260x480
±35
ChipThickness(μm)
115
±15
AuBondPadDiameterAnode(μm)
90
-5,+15
AuBondPadThicknesses(μm)
1.0
±0.5
AuBondPadAreaCathode(μm)
98x98
-5,+15
BottomArea(μm)
160x380
±35
Notes:
1. Maximumratingsarepackagedependent.TheaboveratingsweredeterminedusingaT-13/4package(withHysolOS4000epoxy
encapsulationandclearepoxydieattach)forcharacterization.Ratingsforotherpackagesmaydiffer.Theforwardcurrents(DC
andPeak)arenotlimitedbythediebutbytheeffectoftheLEDjunctiontemperatureonthepackage.Thejunctiontemperature
limitof125°CisalimitoftheT-13/4package;junctiontemperatureshouldbecharacterizedinaspecificpackagetodetermine
limitations.Assemblyprocessingtemperaturemustnotexceed325°C(<5seconds).
2. Productresistancetoelectrostaticdischarge(ESD)accordingtotheHBMismeasuredbysimulatingESDusingarapidavalanche
energytest(RAET).TheRAETproceduresaredesignedtoapproximatethemaximumESDratingsshown.TheRAETprocedureis
performedoneachdie.TheESDclassificationofClass2isbasedonsampletestingaccordingtoMIL-STD-883E.
3. Allproductsconformtothelistedminimumandmaximumspecificationsforelectricalandopticalcharacteristicswhenassembled
andoperatedat20mAwithinthemaximumratingsshownabove.Efficiencydecreasesathighercurrents.Typicalvaluesgiven
arewithintherangeofaveragevaluesexpectedbythemanufacturerinlargequantitiesandareprovidedforinformationonly.All
measurementsweremadeusinglampsinT-13/4packages(withHysolOS4000epoxyencapsulantandclearepoxydieattach).
OpticalcharacteristicsaremeasuredinanintegratingsphereusingIlluminanceE.
4. Specificationsaresubjecttochangewithoutnotice.


Similar Part No. - C450TR260-S3300_16

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR260-S3300 CREE-C450TR260-S3300 Datasheet
340Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V typ at 20 mA
logo
Marktech Corporate
C450TR260-S3300 MARKTECH-C450TR260-S3300 Datasheet
340Kb / 6P
   TR260 LEDs
More results

Similar Description - C450TR260-S3300_16

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450TR260-0417 MARKTECH-C450TR260-0417 Datasheet
340Kb / 6P
   TR260 LEDs
TR2227 MARKTECH-TR2227 Datasheet
389Kb / 5P
   LEDs
TR5050M MARKTECH-TR5050M Datasheet
375Kb / 5P
   LEDs
CPR3DK MARKTECH-CPR3DK Datasheet
340Kb / 6P
   LEDs
CPR3DK MARKTECH-CPR3DK_15 Datasheet
340Kb / 6P
   LEDs
TR5270 MARKTECH-TR5270_15 Datasheet
672Kb / 6P
   LEDs
UT230-80 MARKTECH-UT230-80_15 Datasheet
269Kb / 4P
   LEDs
RT290-5 MARKTECH-RT290-5 Datasheet
229Kb / 4P
   LEDs
TR3547 MARKTECH-TR3547 Datasheet
449Kb / 5P
   LEDs
DA3547 MARKTECH-DA3547_15 Datasheet
403Kb / 5P
   LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com