Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C527EZ290-S0800-2 Datasheet(PDF) 1 Page - Cree, Inc

Part # C527EZ290-S0800-2
Description  Cree EZ290-n Gen 2 LEDs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C527EZ290-S0800-2 Datasheet(HTML) 1 Page - Cree, Inc

  C527EZ290-S0800-2 Datasheet HTML 1Page - Cree, Inc C527EZ290-S0800-2 Datasheet HTML 2Page - Cree, Inc C527EZ290-S0800-2 Datasheet HTML 3Page - Cree, Inc C527EZ290-S0800-2 Datasheet HTML 4Page - Cree, Inc C527EZ290-S0800-2 Datasheet HTML 5Page - Cree, Inc C527EZ290-S0800-2 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Subject to change without notice.
www.cree.com
Cree® EZ290-n™ Gen 2 LEDs
Data Sheet (Cathode-up)
CxxxEZ290-Sxx00-2
Cree’s EZBright® LEDs are the next generation of solid-state LED emitters that combine highly efficient InGaN materials
with Cree’s proprietary optical design and device technology to deliver superior value for high-intensity LEDs. The
optical design maximizes light extraction efficiency and enables a Lambertian radiation pattern. Additionally, these
LEDs are die attachable with conductive epoxy, solder paste or solder preforms, as well as the eutectic method. These
vertically structured, low forward voltage LED chips are approximately 170 microns in height. Cree’s EZ™ chips are
tested for conformity to optical and electrical specifications. These LEDs are useful in a broad range of applications,
such as wearable devices, video displays and LCD backlighting.
CxxxEZ290-Sxx00-2 Chip Diagram
FEATURES
Lambertian Radiation Pattern
Cathode-up design (n-pad up)
EZBright LED Technology, binned @ 20 mA
450 nm – 24+ mW
460 nm – 24+ mW
470 nm – 21+ mW
527 nm – 8+ mW
Low Forward Voltage (Vf) – 3.0 V Typical at 20 mA
Maximum DC Forward Current – 50 mA
AuSn Backside Metal for use with Conductive Adhesives,
Flux Eutectic Attach, Solder Paste & Solder Preforms
APPLICATIONS
LCD Backlighting
Mobile Devices
Monitors
Video Displays
Wearable Devices
Automotive Interior
Top View
Anode (+)
Cathode (-), Ø100
µm
Mesa (Junction)
225 x 225
µm
Side View
Bottom View
Backside Ohmic
Metallization
Thickness
170
µm
280 x 280
µm


Similar Part No. - C527EZ290-S0800-2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C527EZ290-S0800-2 CREE-C527EZ290-S0800-2 Datasheet
411Kb / 5P
   EZBright LED RF Performance Lambertian Radiation
logo
Marktech Corporate
C527EZ290-S0800-2 MARKTECH-C527EZ290-S0800-2 Datasheet
411Kb / 5P
   Cree EZ290 Gen II LEDs
More results

Similar Description - C527EZ290-S0800-2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C460EZ290-0213-2 MARKTECH-C460EZ290-0213-2 Datasheet
411Kb / 5P
   Cree EZ290 Gen II LEDs
logo
Cree, Inc
C450EZ900-S38000-2 CREE-C450EZ900-S38000-2_16 Datasheet
359Kb / 6P
   Cree EZ900-n Gen 2 LEDs
C450EZ1000-S38000-2 CREE-C450EZ1000-S38000-2_16 Datasheet
366Kb / 5P
   Cree EZ1000 Gen 2 LEDs
C450EZ600-S20000-2 CREE-C450EZ600-S20000-2_16 Datasheet
271Kb / 5P
   Cree EZ600-n Gen 2 LED
C450EZ400-S09000-2 CREE-C450EZ400-S09000-2_16 Datasheet
230Kb / 5P
   Cree EZ400-n Gen 2 LED
C450EZ500-S11000-2 CREE-C450EZ500-S11000-2_16 Datasheet
395Kb / 6P
   Cree EZ500-n Gen 2 LED
logo
Marktech Corporate
C450EZ1400-0217-2 MARKTECH-C450EZ1400-0217-2 Datasheet
309Kb / 5P
   Cree EZ1400 Gen II LEDs
C450UT190-0317-31 MARKTECH-C450UT190-0317-31 Datasheet
304Kb / 6P
   Cree UltraThin Gen III LEDs
logo
Magnetrol International...
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
   Cree UltraThin??Gen III LEDs
logo
Marktech Corporate
C450EZ900-0317-2 MARKTECH-C450EZ900-0317-2 Datasheet
397Kb / 6P
   Cree EZ900 Gen II LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com