Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLE11C001S-V5-T85-C Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SLE11C001S-V5-T85-C
Description  Security & Chip Card ICs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE11C001S-V5-T85-C Datasheet(HTML) 7 Page - Infineon Technologies AG

  SLE11C001S-V5-T85-C Datasheet HTML 1Page - Infineon Technologies AG SLE11C001S-V5-T85-C Datasheet HTML 2Page - Infineon Technologies AG SLE11C001S-V5-T85-C Datasheet HTML 3Page - Infineon Technologies AG SLE11C001S-V5-T85-C Datasheet HTML 4Page - Infineon Technologies AG SLE11C001S-V5-T85-C Datasheet HTML 5Page - Infineon Technologies AG SLE11C001S-V5-T85-C Datasheet HTML 6Page - Infineon Technologies AG SLE11C001S-V5-T85-C Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SLE 11C001S
Short Product Information
7 / 9
10.01
General Description
SLE 11C001S is a member of the Infineon Technologies high end security controller family
in 0.6 µm CMOS technology. The CPU provides the high efficiency of the SAB 8051
instruction set extended by additional powerful instructions together with enhanced
performance, memory sizes and security features.
The controller IC offers 31.5 Kbytes of User-ROM, 256 bytes internal RAM, 1024 bytes
XRAM and 16 Kbytes EEPROM. It suits the requirements of the new generation of
operating systems.
ROM
32 Kbyte
EEPROM
16 Kbyte
Voltage
Clock
Reset
Sleep Mode Logic
Sensors/Filters
Voltage Regulator
Address-/Data Bus
CRC
XRAM
1 Kbyte
16-Bit CPU
&
ECO 2000
Instruction Set
256 byte IRAM
The CRC module allows the easy generation of checksums according to ISO 3309 (16-Bit-
CRC). To minimize the overall power consumption, the chip card controller IC offers a
sleep mode.
As an important measure, the chip provides a new and enhanced level of on-chip security
features.
In conclusion, the SLE 11C001S fulfills the requirements of many chip card applications,
and is especially well suited for use in SIM cards for GSM phones and also in health care
applications. The SLE 11C001S is a powerful chip card controller IC integrating
outstanding memory sizes, additional peripherals in combination with enhanced
performance and optimized power consumption on a minimized die size. Therefore, the
SLE 11C001S offers the basis for new chip card applications.


Similar Part No. - SLE11C001S-V5-T85-C

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
SLE10 BANNER-SLE10 Datasheet
381Kb / 7P
   SLE10 Expert Series Slot Sensor
logo
Copal Electronics
SLE10A2-5 COPAL-SLE10A2-5 Datasheet
297Kb / 4P
   Miniature Power Rocker Switches
SLE10A2-6 COPAL-SLE10A2-6 Datasheet
297Kb / 4P
   Miniature Power Rocker Switches
SLE10A2-7 COPAL-SLE10A2-7 Datasheet
297Kb / 4P
   Miniature Power Rocker Switches
SLE10A2-8 COPAL-SLE10A2-8 Datasheet
297Kb / 4P
   Miniature Power Rocker Switches
More results

Similar Description - SLE11C001S-V5-T85-C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com