Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIDC24D30SIC3 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SIDC24D30SIC3
Description  Silicon Carbide Schottky Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SIDC24D30SIC3 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SIDC24D30SIC3 Datasheet HTML 1Page - Infineon Technologies AG SIDC24D30SIC3 Datasheet HTML 2Page - Infineon Technologies AG SIDC24D30SIC3 Datasheet HTML 3Page - Infineon Technologies AG SIDC24D30SIC3 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SIDC24D30SIC3
Edited by INFINEON Technologies, AI PS DD HV3, Edition 1, 22.04.2004
Maximum Ratings
Parameter
Symbol
Condition
Value
Unit
Repetitive peak reverse voltage
V RRM
300
Surge peak reverse voltage
V RSM
300
V
Continuous forward current limited by
Tjmax
I F
10
Single pulse forward current
(depending on wire bond configuration)
I FSM
TC =25° C, tP =10 ms sinusoidal
36
Maximum repetitive forward current
limited by Tjmax
I FRM
TC = 100° C, Tj=150 ° C,
D=0.1
45
Non repetitive peak forward current
I FMAX
TC =25° C, tp=10µs
100
A
Operating junction and storage
temperature
Tj , Tstg
-55...+175
°C
Static Electrical Characteristics (tested on chip), Tj=25 °C, unless otherwise specified
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
Reverse leakage current
I R
V R=300V
Tj=25 ° C
15
200
µA
Forward voltage drop
V F
I F=10A
Tj=25 ° C
1.5
1.7
V
Dynamic Electrical Characteristics, at Tj = 25 °C, unless otherwise specified, tested at component
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
Total capacitive charge
QC
IF=10A
di/dt=200A/
µs
VR=200V
Tj = 150 °C
23
nC
Switching time
t rr
IF=10A
di/dt=200A/
µs
VR= 200V
Tj = 150 °C
n.a.
ns
V R= 1V
600
V R=150V
55
Total capacitance
C
IF=10A
di/dt=200A/
µs
T j =25
°C
f=1MHz
V R=300V
40
pF


Similar Part No. - SIDC24D30SIC3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC24D60SIC3 INFINEON-SIDC24D60SIC3 Datasheet
54Kb / 4P
   Silicon Carbide Schottky Diode
22.04.2004
More results

Similar Description - SIDC24D30SIC3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
   Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
   Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
   Silicon Carbide Schottky Diode
2001-09-07
logo
Pan Jit International I...
SIC04A065ND PANJIT-SIC04A065ND Datasheet
575Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Infineon Technologies A...
IDH08G120C5 INFINEON-IDH08G120C5_15 Datasheet
879Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
IDH10G120C5 INFINEON-IDH10G120C5_15 Datasheet
886Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
logo
Pan Jit International I...
SIC06A065D PANJIT-SIC06A065D Datasheet
426Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
SIC06A065S PANJIT-SIC06A065S Datasheet
411Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Cree, Inc
C3D16065A CREE-C3D16065A Datasheet
850Kb / 6P
   Silicon Carbide Schottky Diode
C3D30065D CREE-C3D30065D Datasheet
922Kb / 6P
   Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com