Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SIDC24D30SIC3 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. SIDC24D30SIC3
Description  Silicon Carbide Schottky Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SIDC24D30SIC3 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SIDC24D30SIC3 Datasheet HTML 1Page - Infineon Technologies AG SIDC24D30SIC3 Datasheet HTML 2Page - Infineon Technologies AG SIDC24D30SIC3 Datasheet HTML 3Page - Infineon Technologies AG SIDC24D30SIC3 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIDC24D30SIC3
Edited by INFINEON Technologies, AI PS DD HV3, Edition 1, 22.04.2004
Silicon Carbide Schottky Diode
Applications:
SMPS, snubber, secondary side
rectification
FEATURES:
Revolutionary semiconductor material -
Silicon Carbide
Switching behavior benchmark
No reverse recovery
No temperature influence on the switching
behavior
No forward recovery
A
C
Chip Type
VBR
IF
Die Size
Package
Ordering Code
SIDC24D30SIC3
300V
10A
1.706 x 1.38 mm
2
sawn on foil
Q67050-A4163-
A103
MECHANICAL PARAMETER:
Raster size
1.706x 1.38
Anode pad size
1.405 x 1.08
mm
Area total / active
2.354 / 1.548
mm
2
Thickness
355
µm
Wafer size
75
mm
Flat position
0
deg
Max. possible chips per wafer
1649 pcs
Passivation frontside
Photoimide
Anode metalization
3200 nm Al
Cathode metalization
1400 nm Ni Ag –system
suitable for epoxy and soft solder die bonding
Die bond
Electrically conductive glue or solder
Wire bond
Al,
≤ 350µm
Reject Ink Dot Size
∅ ≥ 0.3 mm
Recommended Storage Environment
store in original container, in dry nitrogen,
< 6 month at an ambient temperature of 23°C


Similar Part No. - SIDC24D30SIC3

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
SIDC24D60SIC3 INFINEON-SIDC24D60SIC3 Datasheet
54Kb / 4P
   Silicon Carbide Schottky Diode
22.04.2004
More results

Similar Description - SIDC24D30SIC3

ManufacturerPart No.DatasheetDescription
Cree, Inc
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
Infineon Technologies AG
Infineon Technologies A...
SDT05S60 INFINEON-SDT05S60 Datasheet
353Kb / 8P
   Silicon Carbide Schottky Diode
Rev. 2.1 2005-02-17
IDH08G120C5 INFINEON-IDH08G120C5_15 Datasheet
879Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
IDH10G120C5 INFINEON-IDH10G120C5_15 Datasheet
886Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
   Silicon Carbide Schottky Diode
22.04.2004
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
   Silicon Carbide Schottky Diode
2001-09-07
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
   Silicon Carbide Schottky Diode
2004-02-11
SDP06S60 INFINEON-SDP06S60_08 Datasheet
644Kb / 9P
   Silicon Carbide Schottky Diode
Rev. 2.4 2008-06-02
Cree, Inc
Cree, Inc
C3D08065A CREE-C3D08065A Datasheet
544Kb / 6P
   Silicon Carbide Schottky Diode
C3D10065A CREE-C3D10065A Datasheet
773Kb / 6P
   Silicon Carbide Schottky Diode
C3D08065I CREE-C3D08065I Datasheet
509Kb / 6P
   Silicon Carbide Schottky Diode
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz