Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SIDC16D60SIC3 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part No. SIDC16D60SIC3
Description  Silicon Carbide Schottky Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SIDC16D60SIC3 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SIDC16D60SIC3 Datasheet HTML 1Page - Infineon Technologies AG SIDC16D60SIC3 Datasheet HTML 2Page - Infineon Technologies AG SIDC16D60SIC3 Datasheet HTML 3Page - Infineon Technologies AG SIDC16D60SIC3 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SIDC16D60SIC3
Edited by INFINEON Technologies, AI PS DD HV3, Edition 1, 22.01.2004
Maximum Ratings
Parameter
Symbol
Condition
Value
Unit
Repetitive peak reverse voltage
V RRM
600
Surge peak reverse voltage
V RSM
600
V
Continuous forward current limited by
Tjmax
I F
5
Single pulse forward current
(depending on wire bond configuration)
I FSM
TC =25° C, tP =10 ms sinusoidal
18.5
Maximum repetitive forward current
limited by Tjmax
I FRM
TC = 100° C, Tj=150 ° C,
D=0.1
21
Non repetitive peak forward current
I FMAX
TC =25° C, tp=10µs
50
A
Operating junction and storage
temperature
Tj , Tstg
-55...+175
°C
Static Electrical Characteristics (tested on chip), Tj=25 °C, unless otherwise specified
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
Reverse leakage current
I R
V R=600V*
Tj=25 ° C
19
200
µA
Forward voltage drop
V F
I F= 5A
Tj=25 ° C
1.5
1.7
V
* blocking characteristic measured under protective gas atmosphere. Chip should not be used without being
embedded in pottant with breakdown field strength lower than 9 KV/mm at full blocking voltage.
Dynamic Electrical Characteristics, at Tj = 25 °C, unless otherwise specified, tested at component
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
Total capacitive charge
QC
IF= 5A
di/dt=200A/
µs
VR=400V
Tj = 150 °C
14
nC
Switching time
t rr
IF= 5A
di/dt=200A/
µs
VR= 400V
Tj = 150 °C
n.a.
ns
V R=1V
170
V R=300V
16
Total capacitance
C
IF= 5A
di/dt=200A/
µs
T j =25
°C
f=1MHz
V R=600V
12
pF


Similar Part No. - SIDC16D60SIC3

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
SIDC161D170H INFINEON-SIDC161D170H Datasheet
63Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology
Edition 2, 3.11.2004
More results

Similar Description - SIDC16D60SIC3

ManufacturerPart No.DatasheetDescription
Cree, Inc
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
Infineon Technologies AG
Infineon Technologies A...
SDT05S60 INFINEON-SDT05S60 Datasheet
353Kb / 8P
   Silicon Carbide Schottky Diode
Rev. 2.1 2005-02-17
IDH08G120C5 INFINEON-IDH08G120C5_15 Datasheet
879Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
IDH10G120C5 INFINEON-IDH10G120C5_15 Datasheet
886Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
   Silicon Carbide Schottky Diode
22.04.2004
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
   Silicon Carbide Schottky Diode
2001-09-07
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
   Silicon Carbide Schottky Diode
2004-02-11
SDP06S60 INFINEON-SDP06S60_08 Datasheet
644Kb / 9P
   Silicon Carbide Schottky Diode
Rev. 2.4 2008-06-02
Cree, Inc
Cree, Inc
C3D08065A CREE-C3D08065A Datasheet
544Kb / 6P
   Silicon Carbide Schottky Diode
C3D10065A CREE-C3D10065A Datasheet
773Kb / 6P
   Silicon Carbide Schottky Diode
C3D08065I CREE-C3D08065I Datasheet
509Kb / 6P
   Silicon Carbide Schottky Diode
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz