Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SIDC05D60SIC3 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part No. SIDC05D60SIC3
Description  Silicon Carbide Schottky Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SIDC05D60SIC3 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SIDC05D60SIC3 Datasheet HTML 1Page - Infineon Technologies AG SIDC05D60SIC3 Datasheet HTML 2Page - Infineon Technologies AG SIDC05D60SIC3 Datasheet HTML 3Page - Infineon Technologies AG SIDC05D60SIC3 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SIDC05D60SIC3
Edited by INFINEON Technologies, AI PS DD HV3, Edition 1, 22.04.2004
Maximum Ratings
Parameter
Symbol
Condition
Value
Unit
Repetitive peak reverse voltage
V RRM
600
Surge peak reverse voltage
V RSM
600
V
Continuous forward current limited by
Tjmax
I F
2
Single pulse forward current
(depending on wire bond configuration)
I FSM
TC =25° C, tP =10 ms sinusoidal
4.1
Maximum repetitive forward current
limited by Tjmax
I FRM
TC = 100° C, Tj=150 ° C,
D=0.1
7.3
Non repetitive peak forward current
I FMAX
TC =25° C, tp=10µs
17
A
Operating junction and storage
temperature
Tj , Tstg
-55...+175
°C
Static Electrical Characteristics (tested on chip), Tj=25 °C, unless otherwise specified
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
Reverse leakage current
I R
V R=600V*
Tj=25 ° C
7
100
µA
Forward voltage drop
V F
I F=2A
Tj=25 ° C
1.6
2
V
* blocking characteristic measured under protective gas atmosphere. Chip should not be used without being
embedded in pottant with breakdown field strength lower than 9 KV/mm at full blocking voltage.
Dynamic Electrical Characteristics, at Tj = 25 °C, unless otherwise specified, tested at component
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
Total capacitive charge
QC
IF=2A
di/dt=200A/
µs
VR=400V
Tj = 150 °C
4.6
nC
Switching time
t rr
IF=2A
di/dt=200A/
µs
VR= 400V
Tj = 150 °C
n.a.
ns
V R=1V
50
V R=300V
5.2
Total capacitance
C
IF=2A
di/dt=200A/
µs
T j =25
°C
f=1MHz
V R=600V
5
pF


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SDT02S60 Silicon Carbide Schottky Diode 1  2  3  4  5  More Infineon Technologies AG
SIDC11D60SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
SIDC16D60SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
SIDC19D60SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
SIDC24D30SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
C2D05120 Silicon Carbide Schottky Diode 1  2  3  4  5  List of Unclassifed Manufacturers
SIDC24D60SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
C2D10120 Silicon Carbide Schottky Diode 1  2  3  4  5  List of Unclassifed Manufacturers
C2D10120D Silicon Carbide Schottky Diode 1  2  3  4  5  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn