Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SIDC05D60SIC3 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. SIDC05D60SIC3
Description  Silicon Carbide Schottky Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SIDC05D60SIC3 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SIDC05D60SIC3 Datasheet HTML 1Page - Infineon Technologies AG SIDC05D60SIC3 Datasheet HTML 2Page - Infineon Technologies AG SIDC05D60SIC3 Datasheet HTML 3Page - Infineon Technologies AG SIDC05D60SIC3 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIDC05D60SIC3
Edited by INFINEON Technologies, AI PS DD HV3, Edition 1, 22.04.2004
Silicon Carbide Schottky Diode
Applications:
SMPS, PFC, snubber
FEATURES:
Worlds first 600V Schottky diode
Revolutionary semiconductor material -
Silicon Carbide
Switching behavior benchmark
No reverse recovery
No temperature influence on the switching
behavior
Ideal diode for Power Factor Correction
No forward recovery
A
C
Chip Type
VBR
IF
Die Size
Package
Ordering Code
SIDC05D60SIC3
600V
2A
0.84 x 0.59 mm
2
sawn on foil
Q67050-A4201-
A103
MECHANICAL PARAMETER:
Raster size
0.84 x 0.59
Anode pad size
0.632 x 0.382
mm
Area total / active
0.496 / 0.255
mm
2
Thickness
355
µm
Wafer size
75
mm
Flat position
0
deg
Max. possible chips per wafer
7970 pcs
Passivation frontside
Photoimide
Anode metalization
3200 nm Al
Cathode metalization
1400 nm Ni Ag –system
suitable for epoxy and soft solder die bonding
Die bond
electrically conductive glue or solder
Wire bond
Al,
≤ 125µm
Reject Ink Dot Size
∅ ≥ 0.2 mm
Recommended Storage Environment
store in original container, in dry nitrogen,
< 6 month at an ambient temperature of 23°C


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SDT02S60 Silicon Carbide Schottky Diode 1  2  3  4  5  More Infineon Technologies AG
SIDC11D60SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
SIDC16D60SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
SIDC19D60SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
SIDC24D30SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
C2D05120 Silicon Carbide Schottky Diode 1  2  3  4  5  List of Unclassifed Manufacturers
SIDC24D60SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
C2D10120 Silicon Carbide Schottky Diode 1  2  3  4  5  List of Unclassifed Manufacturers
C2D10120D Silicon Carbide Schottky Diode 1  2  3  4  5  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn