Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEM842PVG-N2807 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # CEM842PVG-N2807
Description  2 DDR3L-1066/1333 SO-DIMMs max. up to 8 GB
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CEM842PVG-N2807 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  CEM842PVG-N2807 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
83
* All specifications and photos are subject to change without notice.
CEM842
Rear view
System
Display
CPU
Intel® Celeron® processor J1900 2 GHz or Celeron® N2807
1.58 GHz onboard
System Memory
2 x 204-pin SO-DIMM support DDR3L-1066/1333 up to 8 GB
Chipset
SoC integrated
BIOS
AMI uEFI
SSD
N/A
Watchdog Timer
255 levels, 1~255 sec. or min.
Expansion Interface
Max. up to 6 lanes of PCIe
Battery Lithium
N/A
Power Input
ATX 12V/5VSB or AT 12V
Size
95 x 95 mm
Board Thickness
2.0 mm
Temperature
0° ~ +60°C (32°F ~ 140°F), operation
Operation Humidity
10% ~ 95% relative humidity, non-condensing
I/O
MIO
1 x LPC interface
1 x SPI interface
SATA
2 x SATA-300
Hardware Monitoring
Yes
Ethernet
1 port as 10/100/1000Mbps supports Wake-on-LAN, PXE
Boot ROM with Intel® i210AT
Audio
HD link interface to baseboard for Codec
USB
8 x USB 2.0 and 1 x USB 3.0
TPM
ST33TPM12
SMBus
Yes
Digital I/O
4 channels IN & 4 channels OUT
Features
Intel® Celeron® Processor J1900/N2807
COM Express Type 6 Compact Module
Intel® Quad/ Dual Core Celeron® processor (Bay Trail)
2 DDR3L-1066/1333 SO-DIMMs max. up to 8 GB
Max. up to 6 lanes of PCIe
2 SATA-300 interfaces
8 USB 2.0 and 1 USB 3.0 ports
Packing List
Quick installation guide, user’s manual/utility CD
Chipset
Intel® HD graphics (Gen 7 Gfx) display engine
Gfx APIs – DX11, OCL 1.2, OGL 3.0
2 independent displays
Display Interface
1 x VGA
1 x LVDS; 18/24-bit single/dual channel
1 x DDI (DP, HDMI, DVI)
Double deck
DDR3L SO-DIMM
Intel® Celeron®
Processor
COM Express
Interface Connector
Low Power
DDR3L
DDR3L
DDR3L
DualView
Full Solid
Cap Design
AiRD
Ordering Information
Standard
CEM842PVG-N2807
(P/N: E38D842100)
COM Express type 6 with Intel® Celeron® N2807, DDI/
VGA/LVDS, 10/100/1000Mbps Ethernet, USB 3.0 and TPM
CEM842PVG-J1900
(P/N: E38D842101)
COM Express type 6 with Intel® Celeron® J1900, DDI/VGA/
LVDS, 10/100/1000Mbps Ethernet, USB 3.0 and TPM
Optional Accessories
CEB94006
(P/N: E394006100)
ATX form factor type 6 evaluation board
5078D841100E
CEM841/2/3 Heatspreader
5078D842200E
CEM841/2/3 Heatsink without fan


Similar Part No. - CEM842PVG-N2807

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CEM842 AXIOMTEK-CEM842_17 Datasheet
229Kb / 1P
   COM Express Type 6 Compact Module with Intel Celeron Processor J1900/N2807
More results

Similar Description - CEM842PVG-N2807

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CEM841 AXIOMTEK-CEM841 Datasheet
276Kb / 1P
   2 SO-DIMM DDR3L-1066/1333 max up to 8 GB
CEM860 AXIOMTEK-CEM860_16 Datasheet
275Kb / 1P
   2 DDR3-1066/1333 SO-DIMMs max. up to 16 GB
DSB320-842 AXIOMTEK-DSB320-842_16 Datasheet
273Kb / 1P
   Supports DDR3L-1333 SO-DIMM max. up to 8 GB
CAPA840 AXIOMTEK-CAPA840_17 Datasheet
252Kb / 1P
   2 DDR3L-1066/1333 SO-DIMM, up to 8GB
CAPA843 AXIOMTEK-CAPA843_17 Datasheet
297Kb / 1P
   2 DDR3L-1066/1333 SO-DIMM, up to 8GB
MANO800 AXIOMTEK-MANO800_16 Datasheet
231Kb / 1P
   2 DDR3-1066/1333 MHz max. up to 8 GB
MANO800 AXIOMTEK-MANO800 Datasheet
215Kb / 1P
   2 DDR3-1066/1333 MHz max. up to 8 GB
MANO800 AXIOMTEK-MANO800_14 Datasheet
255Kb / 2P
   2 DDR3-1066/1333 MHz max. up to 8 GB
SHB213 AXIOMTEK-SHB213_16 Datasheet
239Kb / 1P
   2 DDR3-1066/1333 SO-DIMM support up to 8 GB
EBOX640-860-FL AXIOMTEK-EBOX640-860-FL_16 Datasheet
325Kb / 1P
   DDR3-1066/1333 SO-DIMM max. up to 16 GB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com