Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G97YZPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G97YZPR
Description  Configurable Multiple-Function Gate
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G97YZPR Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC1G97YZPR Datasheet HTML 1Page - Texas Instruments SN74LVC1G97YZPR Datasheet HTML 2Page - Texas Instruments SN74LVC1G97YZPR Datasheet HTML 3Page - Texas Instruments SN74LVC1G97YZPR Datasheet HTML 4Page - Texas Instruments SN74LVC1G97YZPR Datasheet HTML 5Page - Texas Instruments SN74LVC1G97YZPR Datasheet HTML 6Page - Texas Instruments SN74LVC1G97YZPR Datasheet HTML 7Page - Texas Instruments SN74LVC1G97YZPR Datasheet HTML 8Page - Texas Instruments SN74LVC1G97YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3
2
4
6
1
In1
In2
Y
GND
In0
VCC
5
ln1
ln0
GND
ln2
Y
V
CC
6
5
4
2
3
1
3
2
4
6
1
In1
In2
Y
GND
In0
VCC
5
GND
V
CC
ln1
6
5
4
2
3
ln0
Y
ln2
1
3
2
4
6
1
In1
In2
Y
GND
In0
VCC
5
In1
In0
In2
Y
GND
1
4
2
3
6
5
VCC
SN74LVC1G97
www.ti.com
SCES416M – DECEMBER 2002 – REVISED JUNE 2015
5 Pin Configuration and Functions
DBV Package
YZP Package
6-Pin SOT-23
6-Pin DSBGA
(Top View)
(Bottom View)
DRY Package
6-Pin SON
(Top View)
DCK Package
6-Pin SC70
(Top View)
DSF Package
6-Pin SON
(Top View)
DRL Package
6-Pin SOT
(Top View)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DCT, DCU, DRY, YZP
In0
3
I
Input 0
In1
1
I
Input 1
In2
6
I
Input 2
GND
2
Ground
VCC
5
Power
Y
4
O
Output
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74LVC1G97


Similar Part No. - SN74LVC1G97YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G97YZPR TI-SN74LVC1G97YZPR Datasheet
516Kb / 17P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G97YZPR TI-SN74LVC1G97YZPR Datasheet
755Kb / 18P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G97YZPR TI1-SN74LVC1G97YZPR Datasheet
2Mb / 34P
[Old version datasheet]   Configurable Multiple-Function Gate
More results

Similar Description - SN74LVC1G97YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
74AUP1G57 DIODES-74AUP1G57 Datasheet
759Kb / 16P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com