Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G97DRYR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G97DRYR
Description  Configurable Multiple-Function Gate
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G97DRYR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC1G97DRYR Datasheet HTML 7Page - Texas Instruments SN74LVC1G97DRYR Datasheet HTML 8Page - Texas Instruments SN74LVC1G97DRYR Datasheet HTML 9Page - Texas Instruments SN74LVC1G97DRYR Datasheet HTML 10Page - Texas Instruments SN74LVC1G97DRYR Datasheet HTML 11Page - Texas Instruments SN74LVC1G97DRYR Datasheet HTML 12Page - Texas Instruments SN74LVC1G97DRYR Datasheet HTML 13Page - Texas Instruments SN74LVC1G97DRYR Datasheet HTML 14Page - Texas Instruments SN74LVC1G97DRYR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
MCU
(MSP43x)
Temperature
Sensor
EN
VO
VCC = 5 V
Y
VCC
A
LVC1G97
B
GND
Y
MCU
(MSP43x)
A
B
Temperature
Sensor
EN
VO
VCC = 5 V
SN74LVC1G97
www.ti.com
SCES416M – DECEMBER 2002 – REVISED JUNE 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Validate and test
the design implementation to confirm system functionality.
9.1 Application Information
The SN74LVC1G97 device offers flexible configuration for many design applications. This example describes
basic power sequencing using the AND gate configuration. Power sequencing is often used in applications that
require a processor or other delicate device with specific voltage timing requirements in order to protect the
device from malfunctioning.
Figure 10. Simplified Application
9.2 Typical Application
Figure 11. Typical Application
9.2.1 Design Requirements
Recommended input conditions:
For rise time and fall time specifications, see
Δt/Δv in the Recommended Operating Conditions table.
For specified high and low levels, see VIH and VIL in the Recommended Operating Conditions table.
Inputs and outputs are overvoltage tolerant and can therefore go as high as 5.5 V at any valid VCC.
Recommended output conditions:
Load currents must not exceed ±50 mA.
Frequency selection criterion:
Figure 12 illustrates the effects of frequency on output current.
Added trace resistance and capacitance can reduce maximum frequency capability. Follow the layout
practices listed in the Layout section.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74LVC1G97


Similar Part No. - SN74LVC1G97DRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G97DRYR TI1-SN74LVC1G97DRYR Datasheet
2Mb / 34P
[Old version datasheet]   Configurable Multiple-Function Gate
More results

Similar Description - SN74LVC1G97DRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
74AUP1G57 DIODES-74AUP1G57 Datasheet
759Kb / 16P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com