Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G123DCUT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G123DCUT
Description  Single Retriggerable Monostable Multivibrator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G123DCUT Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC1G123DCUT Datasheet HTML 1Page - Texas Instruments SN74LVC1G123DCUT Datasheet HTML 2Page - Texas Instruments SN74LVC1G123DCUT Datasheet HTML 3Page - Texas Instruments SN74LVC1G123DCUT Datasheet HTML 4Page - Texas Instruments SN74LVC1G123DCUT Datasheet HTML 5Page - Texas Instruments SN74LVC1G123DCUT Datasheet HTML 6Page - Texas Instruments SN74LVC1G123DCUT Datasheet HTML 7Page - Texas Instruments SN74LVC1G123DCUT Datasheet HTML 8Page - Texas Instruments SN74LVC1G123DCUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
SN74LVC1G123
SCES586D – JULY 2004 – REVISED JUNE 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Detailed Description ............................................ 11
8.1
Overview ................................................................. 11
2
Applications ........................................................... 1
8.2
Functional Block Diagram ....................................... 11
3
Description ............................................................. 1
8.3
Feature Description................................................. 11
4
Revision History..................................................... 2
8.4
Device Functional Modes........................................ 12
5
Pin Configuration and Functions ......................... 3
9
Application and Implementation ........................ 13
6
Specifications......................................................... 4
9.1
Application Information............................................ 13
6.1
Absolute Maximum Ratings ..................................... 4
9.2
Typical Application ................................................. 13
6.2
ESD Ratings.............................................................. 4
10
Power Supply Recommendations ..................... 15
6.3
Recommended Operating Conditions ....................... 4
11
Layout................................................................... 15
6.4
Thermal Information .................................................. 5
11.1
Layout Guidelines ................................................. 15
6.5
Electrical Characteristics .......................................... 5
11.2
Layout Example .................................................... 16
6.6
Timing Requirements ................................................ 6
12
Device and Documentation Support ................. 16
6.7
Switching Characteristics, CL = 15 pF, –40°C to
85°C ........................................................................... 7
12.1
Documentation Support ........................................ 16
6.8
Switching Characteristics, CL = 50 pF, –40°C to
12.2
Community Resources.......................................... 16
85°C ........................................................................... 7
12.3
Trademarks ........................................................... 16
6.9
Switching Characteristics, CL = 50 pF, –40°C to
12.4
Electrostatic Discharge Caution ............................ 16
125°C ......................................................................... 7
12.5
Glossary ................................................................ 16
6.10
Operating Characteristics........................................ 7
13
Mechanical, Packaging, and Orderable
6.11
Typical Characteristics ............................................ 8
Information ........................................................... 16
7
Parameter Measurement Information .................. 9
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (October 2013) to Revision D
Page
Added Applications, Device Information table, Pin Configuration and Functions section, ESD Ratings table, Typical
Characteristics, Feature Description section, Device Functional Modes, Application and Implementation section,
Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
Removed duplicate Timing Requirements table .................................................................................................................... 6
Changes from Revision B (January 2007) to Revision C
Page
Updated document to new TI data sheet format. ................................................................................................................... 1
Updated Features ................................................................................................................................................................... 1
Updated operating temperature range. .................................................................................................................................. 4
Added Thermal Information table. .......................................................................................................................................... 5
2
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC1G123


Similar Part No. - SN74LVC1G123DCUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G123DCUT TI-SN74LVC1G123DCUT Datasheet
326Kb / 18P
[Old version datasheet]   SINGLE RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT TRIGGER INPUTS
More results

Similar Description - SN74LVC1G123DCUT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G123 PHILIPS-74LVC1G123 Datasheet
1Mb / 31P
   Single retriggerable monostable multivibrator
Rev. 4-27 November 2013
logo
Renesas Technology Corp
HD74LV2G123A RENESAS-HD74LV2G123A Datasheet
157Kb / 19P
   Retriggerable Monostable Multivibrator
logo
List of Unclassifed Man...
74122 ETC1-74122 Datasheet
178Kb / 3P
   RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Renesas Technology Corp
HD74LV2G123A RENESAS-HD74LV2G123A_15 Datasheet
178Kb / 21P
   Retriggerable Monostable Multivibrator
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com