Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G139DCUT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G139DCUT
Description  2-to-4 Line Decoder
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G139DCUT Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC1G139DCUT Datasheet HTML 1Page - Texas Instruments SN74LVC1G139DCUT Datasheet HTML 2Page - Texas Instruments SN74LVC1G139DCUT Datasheet HTML 3Page - Texas Instruments SN74LVC1G139DCUT Datasheet HTML 4Page - Texas Instruments SN74LVC1G139DCUT Datasheet HTML 5Page - Texas Instruments SN74LVC1G139DCUT Datasheet HTML 6Page - Texas Instruments SN74LVC1G139DCUT Datasheet HTML 7Page - Texas Instruments SN74LVC1G139DCUT Datasheet HTML 8Page - Texas Instruments SN74LVC1G139DCUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
B
GND
VCC
Y2
Y3
2
5
3
4
8
6
1
7
A
Y1
Y0
3
2
4
5
1
A
VCC
Y0
B
GND
Y3
Y1
Y2
6
7
8
Y1
3
2
5
8
1
A
VCC
B
GND
Y3
Y0
Y2
4
6
7
SN74LVC1G139
www.ti.com
SCES602D – AUGUST 2004 – REVISED AUGUST 2015
5 Pin Configuration and Functions
DCT Package
DCU Package
8-Pin SM8
8-Pin VSSOP
Top View
Top View
YZP Package
8-Pin DSBGA
Bottom View
See mechanical drawings for dimensions.
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
A
1
I
Adress input, bit 0
B
2
I
Adress input, bit 1
Y3
3
O
Output 3, low when B is high and A is high
GND
4
Ground
Y2
5
O
Output 2, low when B is high and A is low
Y1
6
O
Output 1, low when B is low and A is high
Y0
7
O
Output 0, low when B is low and A is low
VCC
8
Power pin
6 Specification
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
6.5
V
VI
Input voltage
–0.5
6.5
V
VO
Voltage applied to any output in the high-impedance or power-off state(2)
–0.5
6.5
V
VO
Voltage applied to any output in the high or low state(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
ICC
Continuous current through VCC or GND
±100
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
-65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the Recommended Operating Conditions table.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74LVC1G139


Similar Part No. - SN74LVC1G139DCUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G139DCUT TI-SN74LVC1G139DCUT Datasheet
146Kb / 10P
[Old version datasheet]   2-TO -4 LINE DECODER
SN74LVC1G139DCUT TI-SN74LVC1G139DCUT Datasheet
402Kb / 15P
[Old version datasheet]   2-TO-4 LINE DECODER
SN74LVC1G139DCUT TI-SN74LVC1G139DCUT Datasheet
431Kb / 15P
[Old version datasheet]   2-TO-4 LINE DECODER
More results

Similar Description - SN74LVC1G139DCUT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W139F TOSHIBA-TC7W139F_01 Datasheet
218Kb / 7P
   2-TO-4 LINE DECODER
logo
Texas Instruments
SN74LVC1G139 TI-SN74LVC1G139 Datasheet
146Kb / 10P
[Old version datasheet]   2-TO -4 LINE DECODER
logo
Toshiba Semiconductor
TC7W139F TOSHIBA-TC7W139F Datasheet
203Kb / 6P
   2-TO-4 LINE DECODER
logo
Texas Instruments
SN74LVC1G139 TI-SN74LVC1G139_08 Datasheet
431Kb / 15P
[Old version datasheet]   2-TO-4 LINE DECODER
SN74LVC1G139 TI-SN74LVC1G139_07 Datasheet
402Kb / 15P
[Old version datasheet]   2-TO-4 LINE DECODER
logo
STMicroelectronics
M54HC155 STMICROELECTRONICS-M54HC155 Datasheet
244Kb / 11P
   DUAL 2 TO 4 LINE DECODER 3 TO 8 LINE DECODER
logo
Toshiba Semiconductor
TC74HC155AP TOSHIBA-TC74HC155AP_07 Datasheet
341Kb / 9P
   Dual 2-to-4 Line Decoder 3-to-8 Line Decoder
TC7MET139AFK TOSHIBA-TC7MET139AFK_07 Datasheet
181Kb / 6P
   Dual 2-to-4 Line Decoder
TC74HC139AP TOSHIBA-TC74HC139AP Datasheet
251Kb / 6P
   DUAL 2 TO 4 LINE DECODER
TC7MH139FK TOSHIBA-TC7MH139FK Datasheet
185Kb / 5P
   DUAL 2-TO-4 LINE DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com