Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G123DCTRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # 74LVC1G123DCTRG4
Description  Single Retriggerable Monostable Multivibrator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1G123DCTRG4 Datasheet(HTML) 3 Page - Texas Instruments

  74LVC1G123DCTRG4 Datasheet HTML 1Page - Texas Instruments 74LVC1G123DCTRG4 Datasheet HTML 2Page - Texas Instruments 74LVC1G123DCTRG4 Datasheet HTML 3Page - Texas Instruments 74LVC1G123DCTRG4 Datasheet HTML 4Page - Texas Instruments 74LVC1G123DCTRG4 Datasheet HTML 5Page - Texas Instruments 74LVC1G123DCTRG4 Datasheet HTML 6Page - Texas Instruments 74LVC1G123DCTRG4 Datasheet HTML 7Page - Texas Instruments 74LVC1G123DCTRG4 Datasheet HTML 8Page - Texas Instruments 74LVC1G123DCTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
B
GND
VCC
Q
CLR
2
5
3
4
8
6
1
7
A
Cext
Rext/Cext
3
2
4
5
1
A
VCC
Rext/Cext
B
GND
CLR
Cext
Q
6
7
8
Cext
3
2
5
8
1
A
VCC
B
GND
CLR
Rext/Cext
Q
4
6
7
SN74LVC1G123
www.ti.com
SCES586D – JULY 2004 – REVISED JUNE 2015
5 Pin Configuration and Functions
DCT Package
DCU Package
8-Pin SSOP
8-Pin VSSOP
Top View
Top View
See mechanical drawings for dimensions.
YZP Package
8-Pin DSBGA
Bottom View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
A
1
I
Falling edge sensitive input; requires B and CLR to be held high.
B
2
I
Rising edge sensitive input; requires A to be held low and CLR to be held high.
CLR
3
I
Clear, Active Low; also can operate as rising edge sensitive input if A is held low and B is held high.
GND
4
Ground
Q
5
O
Output
Cext
6
Connects only to the external capacitor
Rext/Cext
7
Connects to the external capacitor and resistor
VCC
8
Power
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74LVC1G123


Similar Part No. - 74LVC1G123DCTRG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G123DC PHILIPS-74LVC1G123DC Datasheet
1Mb / 31P
   Single retriggerable monostable multivibrator
Rev. 4-27 November 2013
logo
Nexperia B.V. All right...
74LVC1G123DC NEXPERIA-74LVC1G123DC Datasheet
331Kb / 24P
   Single retriggerable monostable multivibrator; Schmitt trigger inputs
Rev. 7 - 20 April 2021
74LVC1G123DC-Q100 NEXPERIA-74LVC1G123DC-Q100 Datasheet
286Kb / 21P
   Single retriggerable monostable multivibrator Schmitt trigger inputs
74LVC1G123DC-Q100H NEXPERIA-74LVC1G123DC-Q100H Datasheet
286Kb / 21P
   Single retriggerable monostable multivibrator Schmitt trigger inputs
logo
Texas Instruments
74LVC1G123DCURE4 TI-74LVC1G123DCURE4 Datasheet
326Kb / 18P
[Old version datasheet]   SINGLE RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT TRIGGER INPUTS
More results

Similar Description - 74LVC1G123DCTRG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G123 PHILIPS-74LVC1G123 Datasheet
1Mb / 31P
   Single retriggerable monostable multivibrator
Rev. 4-27 November 2013
logo
Renesas Technology Corp
HD74LV2G123A RENESAS-HD74LV2G123A Datasheet
157Kb / 19P
   Retriggerable Monostable Multivibrator
logo
List of Unclassifed Man...
74122 ETC1-74122 Datasheet
178Kb / 3P
   RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Renesas Technology Corp
HD74LV2G123A RENESAS-HD74LV2G123A_15 Datasheet
178Kb / 21P
   Retriggerable Monostable Multivibrator
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com