Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G139DCURE4 Datasheet(PDF) 10 Page - Texas Instruments

Part # 74LVC1G139DCURE4
Description  2-to-4 Line Decoder
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1G139DCURE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button 74LVC1G139DCURE4 Datasheet HTML 6Page - Texas Instruments 74LVC1G139DCURE4 Datasheet HTML 7Page - Texas Instruments 74LVC1G139DCURE4 Datasheet HTML 8Page - Texas Instruments 74LVC1G139DCURE4 Datasheet HTML 9Page - Texas Instruments 74LVC1G139DCURE4 Datasheet HTML 10Page - Texas Instruments 74LVC1G139DCURE4 Datasheet HTML 11Page - Texas Instruments 74LVC1G139DCURE4 Datasheet HTML 12Page - Texas Instruments 74LVC1G139DCURE4 Datasheet HTML 13Page - Texas Instruments 74LVC1G139DCURE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
VCC
Chip Select 2
Address line 14
Chip Select 3
GND Plane
Address line 15
6
5
7
1
2
3
4
8
2F
A
B
Y3
GND
VCC
Y0
Y1
Y2
GND
Chip Select 1
Chip Select 0
SN74LVC1G139
SN74LVC1G139
SCES602D – AUGUST 2004 – REVISED AUGUST 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The SN74LVC1G139 device is a 2-of-4 decoder and demultiplexer. This device decodes the 2-bit address on
inputs A (bit 0) and B (bit 1) then provides a logic low on the matching address output. It can produce 24 mA of
drive current at 3.3 V, making it ideal for driving multiple outputs.
9.2 Typical Application
This is an address line decoder using a 16-bit bus example; address bus lines 14 and 15 are decoded and drive
four active low chip selects. Each output covers 16k address space mapped by the address bus lines 0 through
13.
Figure 4. Typical Application Diagram
9.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Take care to avoid bus contention because it
can drive currents that would exceed maximum limits. Outputs can be combined to produce higher drive but the
high drive will also create faster edges into light loads so routing and load conditions should be considered to
prevent ringing.
9.2.2 Detailed Design Procedure
1. Recommended Input Conditions:
For rise time and fall time specifications, see (
Δt/ΔV) in Recommended Operating Conditions table.
For specified high and low levels, see (VIH and VIL) in Recommended Operating Conditions table.
Inputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC.
2. Recommend Output Conditions:
Load currents should not exceed 50 mA per output and 100 mA total for the part.
Series resistors on the output may be used if the user desires to slow the output edge signal or limit the
output current.
10
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC1G139


Similar Part No. - 74LVC1G139DCURE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC1G139DCURE4 TI-74LVC1G139DCURE4 Datasheet
402Kb / 15P
[Old version datasheet]   2-TO-4 LINE DECODER
More results

Similar Description - 74LVC1G139DCURE4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W139F TOSHIBA-TC7W139F_01 Datasheet
218Kb / 7P
   2-TO-4 LINE DECODER
logo
Texas Instruments
SN74LVC1G139 TI-SN74LVC1G139 Datasheet
146Kb / 10P
[Old version datasheet]   2-TO -4 LINE DECODER
logo
Toshiba Semiconductor
TC7W139F TOSHIBA-TC7W139F Datasheet
203Kb / 6P
   2-TO-4 LINE DECODER
logo
Texas Instruments
SN74LVC1G139 TI-SN74LVC1G139_08 Datasheet
431Kb / 15P
[Old version datasheet]   2-TO-4 LINE DECODER
SN74LVC1G139 TI-SN74LVC1G139_07 Datasheet
402Kb / 15P
[Old version datasheet]   2-TO-4 LINE DECODER
logo
STMicroelectronics
M54HC155 STMICROELECTRONICS-M54HC155 Datasheet
244Kb / 11P
   DUAL 2 TO 4 LINE DECODER 3 TO 8 LINE DECODER
logo
Toshiba Semiconductor
TC74HC155AP TOSHIBA-TC74HC155AP_07 Datasheet
341Kb / 9P
   Dual 2-to-4 Line Decoder 3-to-8 Line Decoder
TC7MET139AFK TOSHIBA-TC7MET139AFK_07 Datasheet
181Kb / 6P
   Dual 2-to-4 Line Decoder
TC74HC139AP TOSHIBA-TC74HC139AP Datasheet
251Kb / 6P
   DUAL 2 TO 4 LINE DECODER
TC7MH139FK TOSHIBA-TC7MH139FK Datasheet
185Kb / 5P
   DUAL 2-TO-4 LINE DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com