Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC07APWRG3 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC07APWRG3
Description  Hex Buffer/Driver With Open-Drain Outputs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC07APWRG3 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC07APWRG3 Datasheet HTML 1Page - Texas Instruments SN74LVC07APWRG3 Datasheet HTML 2Page - Texas Instruments SN74LVC07APWRG3 Datasheet HTML 3Page - Texas Instruments SN74LVC07APWRG3 Datasheet HTML 4Page - Texas Instruments SN74LVC07APWRG3 Datasheet HTML 5Page - Texas Instruments SN74LVC07APWRG3 Datasheet HTML 6Page - Texas Instruments SN74LVC07APWRG3 Datasheet HTML 7Page - Texas Instruments SN74LVC07APWRG3 Datasheet HTML 8Page - Texas Instruments SN74LVC07APWRG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
SN74LVC07A
www.ti.com
SCAS595V – OCTOBER 1997 – REVISED MAY 2015
7.4 Thermal Information
over operating free-air temperature range (unless otherwise noted)
SN74LVC07A
D
DB
DGV
NS
PW
RGY
THERMAL METRIC(1)
UNIT
(SOIC)
(SSOP)
(TVSOP)
(SO)
(TSSOP)
(VQFN)
14 PINS
RθJA
Junction-to-ambient thermal resistance
177.4
135.1
157.7
120.3
160.3
80.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
75.4
86.7
78.3
76.3
84.4
97.0
°C/W
RθJB
Junction-to-board thermal resistance
70.6
82.4
90.8
79.0
102.1
56.7
°C/W
ψJT
Junction-to-top characterization parameter
34.7
43.7
21.0
36.2
24.3
16.7
°C/W
ψJB
Junction-to-board characterization parameter
70.4
81.9
90.1
78.7
101.4
56.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
n/a
n/a
n/a
35.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5 Electrical Characteristics—DC Limit Changes
over recommended operating free-air temperature range (unless otherwise noted)
–40°C TO 85°C
–40°C TO 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN TYP(1)
MAX
MIN TYP(1)
MAX
IOL = 100 μA
1.65 V to 5.5 V
0.2
0.2
IOL = 4 mA
1.65 V
0.45
0.45
VOL
2.3 V
0.7
0.7
V
IOL = 12 mA
2.7 V
0.4
0.4
IOL = 24 mA
3 V
0.55
0.55
II
VI = 5.5 V or GND
3.6 V
±5
±5
μA
Ioff
VI or VO = 5.5 V
0 V
±10
±10
μA
ICC
VI = VCC or GND,
IO = 0
3.6 V
10
10
μA
One input at VCC – 0.6 V,
ΔICC
2.7 V to 3.6 V
500
500
μA
Other inputs at VCC or GND
Ci
VI = VCC or GND
3.3 V
5.0
5.0
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
Copyright © 1997–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74LVC07A


Similar Part No. - SN74LVC07APWRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC07APWRG3 TI-SN74LVC07APWRG3 Datasheet
733Kb / 21P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07APWRG3 TI-SN74LVC07APWRG3 Datasheet
841Kb / 23P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - SN74LVC07APWRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC07A-Q1 TI1-SN74LVC07A-Q1_15 Datasheet
744Kb / 15P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A TI-SN74LVC07A_10 Datasheet
733Kb / 21P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A-EP TI-SN74LVC07A-EP Datasheet
308Kb / 12P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A-Q1 TI-SN74LVC07A-Q1 Datasheet
143Kb / 9P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A_101 TI-SN74LVC07A_101 Datasheet
841Kb / 23P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC06 TI-SN74AUC06 Datasheet
543Kb / 11P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC06A-EP TI1-SN74LVC06A-EP Datasheet
287Kb / 9P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC06A-Q1 TI1-SN74LVC06A-Q1 Datasheet
210Kb / 10P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Nexperia B.V. All right...
74LVC07A-Q100 NEXPERIA-74LVC07A-Q100 Datasheet
227Kb / 13P
   Hex buffer with open-drain outputs
74LV07AT NEXPERIA-74LV07AT Datasheet
727Kb / 12P
   Hex buffer with open-drain outputs
Rev. 1 - 19 December 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com