Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G175DBVRE4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # 74LVC1G175DBVRE4
Description  Single D-Type Flip-Flop With Asynchronous Clear
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1G175DBVRE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button 74LVC1G175DBVRE4 Datasheet HTML 6Page - Texas Instruments 74LVC1G175DBVRE4 Datasheet HTML 7Page - Texas Instruments 74LVC1G175DBVRE4 Datasheet HTML 8Page - Texas Instruments 74LVC1G175DBVRE4 Datasheet HTML 9Page - Texas Instruments 74LVC1G175DBVRE4 Datasheet HTML 10Page - Texas Instruments 74LVC1G175DBVRE4 Datasheet HTML 11Page - Texas Instruments 74LVC1G175DBVRE4 Datasheet HTML 12Page - Texas Instruments 74LVC1G175DBVRE4 Datasheet HTML 13Page - Texas Instruments 74LVC1G175DBVRE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Q
1
6
C1
D
CLR
CLK
D
R
3
4
SN74LVC1G175
SCES560G – MARCH 2004 – REVISED JUNE 2015
www.ti.com
8 Detailed Description
8.1 Overview
This single D-type flip-flop is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC1G175 device has an asynchronous clear (CLR) input. When CLR is high, data from the input pin
(D) is transferred to the output pin (Q) on the clock's (CLK) rising edge. When CLR is low, Q is forced into the
low state, regardless of the clock edge or data on D.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
8.2 Functional Block Diagram
8.3 Feature Description
The SN74LVC1G175 device has a wide operating VCC range of 1.65 V to 5.5 V, which allows it to be used in a
broad range of systems. The 5.5-V I/Os allow down translation and also allow voltages at the inputs when
VCC = 0.
8.4 Device Functional Modes
Table 1 lists the functional modes for SN74LVC1G175.
Table 1. Function Table
INPUTS
OUTPUT
Q
CLR
CLK
D
H
L
L
H
H
H
H
H or L
X
Q0
L
X
X
L
10
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC1G175


Similar Part No. - 74LVC1G175DBVRE4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G175 PHILIPS-74LVC1G175 Datasheet
91Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 01-18 October 2004
74LVC1G175 NXP-74LVC1G175 Datasheet
100Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 03-21 May 2007
logo
Nexperia B.V. All right...
74LVC1G175 NEXPERIA-74LVC1G175 Datasheet
268Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 10 - 27 January 2022
74LVC1G175-Q100 NEXPERIA-74LVC1G175-Q100 Datasheet
221Kb / 13P
   Single D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74LVC1G175GF NXP-74LVC1G175GF Datasheet
100Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 03-21 May 2007
More results

Similar Description - 74LVC1G175DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G175-EP TI1-SN74LVC1G175-EP Datasheet
545Kb / 14P
[Old version datasheet]   SINGLE D-TYPE FLIP-FLOP WITH ASYNCHRONOUS CLEAR
logo
ON Semiconductor
NL17SZ175 ONSEMI-NL17SZ175 Datasheet
323Kb / 12P
   D-Type Flip-Flop with Asynchronous Clear
February, 2021 ??Rev. 1
logo
Fairchild Semiconductor
NC7SZ175 FAIRCHILD-NC7SZ175_04 Datasheet
154Kb / 9P
   TinyLogic UHS D-Type Flip-Flop with Asynchronous Clear
logo
Texas Instruments
SN74LVC1G175 TI-SN74LVC1G175 Datasheet
226Kb / 12P
[Old version datasheet]   SINGLE D-TYPE DFLIP FLOP WITH ASYNCHRONOUS CLEAR
logo
Toshiba Semiconductor
TC7PA175FU TOSHIBA-TC7PA175FU Datasheet
190Kb / 8P
   D-Type Flip-Flop with Clear
logo
STMicroelectronics
74V2G74 STMICROELECTRONICS-74V2G74 Datasheet
289Kb / 13P
   SINGLE D-TYPE FLIP FLOP WITH PRESET AND CLEAR
December 2001
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com