Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G175 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74LVC1G175
Description  Single D-Type Flip-Flop With Asynchronous Clear
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G175 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LVC1G175_15 Datasheet HTML 5Page - Texas Instruments SN74LVC1G175_15 Datasheet HTML 6Page - Texas Instruments SN74LVC1G175_15 Datasheet HTML 7Page - Texas Instruments SN74LVC1G175_15 Datasheet HTML 8Page - Texas Instruments SN74LVC1G175_15 Datasheet HTML 9Page - Texas Instruments SN74LVC1G175_15 Datasheet HTML 10Page - Texas Instruments SN74LVC1G175_15 Datasheet HTML 11Page - Texas Instruments SN74LVC1G175_15 Datasheet HTML 12Page - Texas Instruments SN74LVC1G175_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
t
h
t
su
FromOutput
UnderTest
C
(seeNote A)
L
LOADCIRCUIT
S1
V
LOAD
Open
GND
R
L
DataInput
TimingInput
0V
0V
0V
t
W
Input
0V
Input
Output
Waveform1
S1atV
(seeNoteB)
LOAD
Output
Waveform2
S1atGND
(seeNoteB)
V
OL
V
OH
0V
»0V
Output
Output
TEST
S1
t
/t
PLH
PHL
Open
Output
Control
V
M
V
M
V
M
V
M
V
M
1.8V
0.15V
±
2.5V
0.2V
±
3.3V
0.3V
±
5V
0.5V
±
1kW
500 W
500 W
500 W
V
CC
R
L
2× V
CC
2× V
CC
6V
2× V
CC
V
LOAD
C
L
30pF
30pF
50pF
50pF
0.15V
0.15V
0.3V
0.3V
V
D
3V
V
I
V
CC/2
V
CC/2
1.5V
V
CC/2
V
M
£2ns
£2ns
£2.5ns
£2.5ns
INPUTS
R
L
t /t
r
f
V
CC
V
CC
V
CC
V
LOAD
t
/t
PLZ
PZL
GND
t
/t
PHZ
PZH
VOLTAGEWAVEFORMS
ENABLE ANDDISABLETIMES
LOW- ANDHIGH-LEVEL ENABLING
VOLTAGEWAVEFORMS
PROPAGATIONDELAY TIMES
INVERTING ANDNONINVERTINGOUTPUTS
NOTES: A. C includesprobeandjigcapacitance.
B. Waveform1isforanoutputwithinternalconditionssuchthattheoutputislow,exceptwhendisabledbytheoutputcontrol.
Waveform2isforanoutputwithinternalconditionssuchthattheoutputishigh,exceptwhendisabledbytheoutputcontrol.
C. Allinputpulsesaresuppliedbygeneratorshavingthefollowingcharacteristics:PRR
10MHz,Z =50
.
D. Theoutputsaremeasuredoneatatime,withonetransitionpermeasurement.
E. t
andt
arethesameast .
F. t
andt
arethesameast .
G. t
andt
arethesameast .
H. Allparametersandwaveformsarenotapplicabletoalldevices.
L
O
PLZ
PHZ
dis
PZL
PZH
en
PLH
PHL
pd
£
W
VOLTAGEWAVEFORMS
PULSEDURATION
VOLTAGEWAVEFORMS
SETUP ANDHOLDTIMES
V
I
V
I
V
I
V
M
V
M
V
/2
LOAD
t
PZL
t
PLZ
t
PHZ
t
PZH
V
– V
OH
D
V
+V
OL
D
V
M
V
M
V
M
V
M
V
OL
V
OH
V
I
V
I
V
OH
V
OL
V
M
V
M
V
M
V
M
t
PLH
t
PHL
t
PLH
t
PHL
SN74LVC1G175
www.ti.com
SCES560G – MARCH 2004 – REVISED JUNE 2015
Parameter Measurement Information (continued)
Figure 3. Load Circuit and Voltage Waveforms
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74LVC1G175


Similar Part No. - SN74LVC1G175_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G175-EP TI1-SN74LVC1G175-EP Datasheet
545Kb / 14P
[Old version datasheet]   SINGLE D-TYPE FLIP-FLOP WITH ASYNCHRONOUS CLEAR
SN74LVC1G175DBVR TI-SN74LVC1G175DBVR Datasheet
226Kb / 12P
[Old version datasheet]   SINGLE D-TYPE DFLIP FLOP WITH ASYNCHRONOUS CLEAR
SN74LVC1G175DBVT TI-SN74LVC1G175DBVT Datasheet
226Kb / 12P
[Old version datasheet]   SINGLE D-TYPE DFLIP FLOP WITH ASYNCHRONOUS CLEAR
SN74LVC1G175DCKR TI-SN74LVC1G175DCKR Datasheet
226Kb / 12P
[Old version datasheet]   SINGLE D-TYPE DFLIP FLOP WITH ASYNCHRONOUS CLEAR
SN74LVC1G175DCKT TI-SN74LVC1G175DCKT Datasheet
226Kb / 12P
[Old version datasheet]   SINGLE D-TYPE DFLIP FLOP WITH ASYNCHRONOUS CLEAR
More results

Similar Description - SN74LVC1G175_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G175-EP TI1-SN74LVC1G175-EP Datasheet
545Kb / 14P
[Old version datasheet]   SINGLE D-TYPE FLIP-FLOP WITH ASYNCHRONOUS CLEAR
logo
ON Semiconductor
NL17SZ175 ONSEMI-NL17SZ175 Datasheet
323Kb / 12P
   D-Type Flip-Flop with Asynchronous Clear
February, 2021 ??Rev. 1
logo
Fairchild Semiconductor
NC7SZ175 FAIRCHILD-NC7SZ175_04 Datasheet
154Kb / 9P
   TinyLogic UHS D-Type Flip-Flop with Asynchronous Clear
logo
Texas Instruments
SN74LVC1G175 TI-SN74LVC1G175 Datasheet
226Kb / 12P
[Old version datasheet]   SINGLE D-TYPE DFLIP FLOP WITH ASYNCHRONOUS CLEAR
logo
Toshiba Semiconductor
TC7PA175FU TOSHIBA-TC7PA175FU Datasheet
190Kb / 8P
   D-Type Flip-Flop with Clear
logo
STMicroelectronics
74V2G74 STMICROELECTRONICS-74V2G74 Datasheet
289Kb / 13P
   SINGLE D-TYPE FLIP FLOP WITH PRESET AND CLEAR
December 2001
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com