Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC2G08DCURG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G08DCURG4
Description  Dual 2-Input Positive-AND Gate
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G08DCURG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G08DCURG4 Datasheet HTML 1Page - Texas Instruments SN74LVC2G08DCURG4 Datasheet HTML 2Page - Texas Instruments SN74LVC2G08DCURG4 Datasheet HTML 3Page - Texas Instruments SN74LVC2G08DCURG4 Datasheet HTML 4Page - Texas Instruments SN74LVC2G08DCURG4 Datasheet HTML 5Page - Texas Instruments SN74LVC2G08DCURG4 Datasheet HTML 6Page - Texas Instruments SN74LVC2G08DCURG4 Datasheet HTML 7Page - Texas Instruments SN74LVC2G08DCURG4 Datasheet HTML 8Page - Texas Instruments SN74LVC2G08DCURG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
2
7
1A
1B
1Y
5
6
3
2A
2B
2Y
Y = A x B or Y = A + B
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVC2G08
SCES198N – APRIL 1999 – REVISED DECEMBER 2015
SN74LVC2G08 Dual 2-Input Positive-AND Gate
1 Features
3 Description
This dual 2-input positive-AND gate is designed for
1
Available in the Texas Instruments
1.65-V to 5.5-V VCC operation.
NanoStar™ and NanoFree™ Package
The SN74LVC2G08 device performs the Boolean
Supports 5-V VCC Operation
function
in positive logic.
Inputs Accept Voltages to 5.5 V
NanoFree
package
technology
is
a
major
Max tpd of 4.7 ns at 3.3 V
breakthrough in IC packaging concepts, using the die
Low Power Consumption, 10-
μA Maximum ICC
as the package.
±24-mA Output Drive at 3.3 V
This device is fully specified for partial-power-down
Typical VOLP (Output Ground Bounce)
applications using Ioff. The Ioff circuitry disables the
<0.8 V at VCC = 3.3 V, TA = 25°C
outputs,
preventing
damaging
current
backflow
Typical VOHV (Output VOH Undershoot)
through the device when it is powered down.
>2 V at VCC = 3.3 V, TA = 25°C
Device Information(1)
Ioff Supports Live Insertion, Partial-Power-Down
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Mode, and Back-Drive Protection
SN74LVC2G08DCT
SM8 (8)
2.95 mm × 2.80 mm
Can Be Used as a Down Translator to Translate
SN74LVC2G08DCU
VSSOP (8)
2.30 mm × 2.00 mm
Inputs From a Maximum of 5.5 V Down to the VCC
SN74LVC2G08YZP
DSBGA (8)
1.91 mm × 0.91 mm
Level
Latch-Up Performance Exceeds 100 mA Per
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
JESD 78, Class II
ESD Protection Exceeds JESD 22
Logic Diagram (Positive Logic)
2000-V Human Body Model (A114-A)
1000-V Charged-Device Model (C101)
2 Applications
IP Phones: Wired and Wireless
Optical Networking: EPON and Video Over Fiber
Point-to-Point Microwave Backhaul
Power: Telecom DC/DC Module: Analog
Power: Telecom DC/DC Module: Digital
Private Branch Exchange (PBX)
Telecom Shelter: Power Distribution Unit (PDU)
Vector Signal Analyzers and Generators
Wireless Communications Testers
Wireless Repeaters
xDSL Modem/DSLAM
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC2G08DCURG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G08DCURG4 TI-SN74LVC2G08DCURG4 Datasheet
464Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08DCURG4 TI-SN74LVC2G08DCURG4 Datasheet
529Kb / 14P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
More results

Similar Description - SN74LVC2G08DCURG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G08 TI-SN74LVC2G08_10 Datasheet
529Kb / 14P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08 TI-SN74LVC2G08 Datasheet
319Kb / 12P
[Old version datasheet]   DUAL 2 INPUT POSITIVE AND GATE
SN74AUC2G08 TI-SN74AUC2G08_10 Datasheet
515Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08-EP TI1-SN74LVC2G08-EP Datasheet
465Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74AUC2G08 TI-SN74AUC2G08 Datasheet
292Kb / 11P
[Old version datasheet]   DUAL 2 - INPUT POSITIVE - AND GATE
SN74LVC2G08-Q1 TI-SN74LVC2G08-Q1 Datasheet
133Kb / 7P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08 TI-SN74LVC2G08_08 Datasheet
464Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74AHC2G08 TI1-SN74AHC2G08 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
logo
AiT Semiconductor Inc.
AL2G08 AITSEMI-AL2G08 Datasheet
456Kb / 8P
   LOGIC DUAL 2-INPUT POSITIVE-AND GATE
REV1.0
logo
Texas Instruments
SN74AUP2G08 TI-SN74AUP2G08 Datasheet
288Kb / 13P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com