Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC2G32DCTRG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G32DCTRG4
Description  Dual 2-Input Positive-OR Gate
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G32DCTRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LVC2G32DCTRG4 Datasheet HTML 5Page - Texas Instruments SN74LVC2G32DCTRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC2G32DCTRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC2G32DCTRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC2G32DCTRG4 Datasheet HTML 9Page - Texas Instruments SN74LVC2G32DCTRG4 Datasheet HTML 10Page - Texas Instruments SN74LVC2G32DCTRG4 Datasheet HTML 11Page - Texas Instruments SN74LVC2G32DCTRG4 Datasheet HTML 12Page - Texas Instruments SN74LVC2G32DCTRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
1
2
7
1A
1B
1Y
5
6
3
2A
2B
2Y
SN74LVC2G32
www.ti.com
SCES201N – APRIL 1999 – REVISED SEPTEMBER 2015
8 Detailed Description
8.1 Overview
The SN74LVC2G32 provides two logical OR gates per device and each gate has two inputs. Both input paths
use identical circuitry for matching propagation delays. Supply voltage from 1.65 V to 5.5 V is supported.
8.2 Functional Block Diagram
Figure 3. Logic Diagram (Positive Logic)
8.3 Feature Description
The SN74LVC2G32 inputs per gate can accept up to 5.5 V regardless of VCC.
8.4 Device Functional Modes
Table 1 lists the functional modes for the SN74LVC2G32.
Table 1. Function Table (Each
Gate)(1)
INPUTS
OUTPUT
Y
A
B
H
X
H
X
H
H
L
L
L
(1)
Y = A + B in positive logic.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74LVC2G32


Similar Part No. - SN74LVC2G32DCTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G32DCTR TI-SN74LVC2G32DCTR Datasheet
319Kb / 12P
[Old version datasheet]   DUAL 2 INPUT POSITIVE-OR GATE
More results

Similar Description - SN74LVC2G32DCTRG4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G32 UTC-U74LVC2G32_15 Datasheet
158Kb / 6P
   DUAL 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74LVC2G32 TI-SN74LVC2G32 Datasheet
319Kb / 12P
[Old version datasheet]   DUAL 2 INPUT POSITIVE-OR GATE
SN74AUC2G32 TI-SN74AUC2G32 Datasheet
233Kb / 10P
[Old version datasheet]   DUAL 2 INPUT POSITIVE OR GATE
SN74AUC2G32 TI-SN74AUC2G32_09 Datasheet
529Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-OR GATE
SN74AUC2G32YZTR TI-SN74AUC2G32YZTR Datasheet
823Kb / 15P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-OR GATE
SN74LVC2G32-EP TI1-SN74LVC2G32-EP Datasheet
420Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-OR GATE
logo
Unisonic Technologies
U74LVC2G32 UTC-U74LVC2G32 Datasheet
158Kb / 6P
   DUAL 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AHC2G32 TI1-SN74AHC2G32 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-OR GATE
SN74AUP2G32 TI1-SN74AUP2G32 Datasheet
739Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com