Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVCH8T245PWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVCH8T245PWR
Description  8-BIT Dual-Supply Bus Transceiver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVCH8T245PWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVCH8T245PWR Datasheet HTML 7Page - Texas Instruments SN74LVCH8T245PWR Datasheet HTML 8Page - Texas Instruments SN74LVCH8T245PWR Datasheet HTML 9Page - Texas Instruments SN74LVCH8T245PWR Datasheet HTML 10Page - Texas Instruments SN74LVCH8T245PWR Datasheet HTML 11Page - Texas Instruments SN74LVCH8T245PWR Datasheet HTML 12Page - Texas Instruments SN74LVCH8T245PWR Datasheet HTML 13Page - Texas Instruments SN74LVCH8T245PWR Datasheet HTML 14Page - Texas Instruments SN74LVCH8T245PWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
20
40
60
80
100
I
Current (mA)
OL
-40 C
o
25 C
o
85 C
o
4.4
4.6
4.8
5.0
5.2
5.4
5.6
0
-20
-40
-60
-80
-100
I
Current (mA)
OH
-40 C
o
25 C
o
85 C
o
4.2
11
SN74LVCH8T245
www.ti.com
SCES637B – AUGUST 2005 – REVISED FEBRUARY 2016
Product Folder Links: SN74LVCH8T245
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
(1)
See CMOS Power Consumption and Cpd Calculation, SCAA035.
(2)
Power dissipation capacitance per transceiver.
6.10 Operating Characteristics
TA = 25°C
PARAMETER(1)
TEST CONDITIONS
TYP
UNIT
CpdA
(2)
A-port input, B-port output
CL = 0, f = 10 MHz, tr = tf = 1 ns
VCCA = VCCB = 1.8 V
2
pF
VCCA = VCCB = 2.5 V
2
VCCA = VCCB = 3.3 V
2
VCCA = VCCB = 5 V
3
B-port input, A-port output
CL = 0, f = 10 MHz, tr = tf = 1 ns
VCCA = VCCB = 1.8 V
12
VCCA = VCCB = 2.5 V
13
VCCA = VCCB = 3.3 V
13
VCCA = VCCB = 5 V
16
CpdB
(2)
A-port input, B-port output
CL = 0, f = 10 MHz, tr = tf = 1 ns
VCCA = VCCB = 1.8 V
13
pF
VCCA = VCCB = 2.5 V
13
VCCA = VCCB = 3.3 V
14
VCCA = VCCB = 5 V
16
B-port input, A-port output
CL = 0, f = 10 MHz, tr = tf = 1 ns
VCCA = VCCB = 1.8 V
2
VCCA = VCCB = 2.5 V
2
VCCA = VCCB = 3.3 V
2
VCCA = VCCB = 5 V
3
6.11 Typical Characteristics
Figure 1. Voltage vs Current
Figure 2. Voltage vs Current


Similar Part No. - SN74LVCH8T245PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCH8T245PWR TI-SN74LVCH8T245PWR Datasheet
897Kb / 28P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245PWR TI-SN74LVCH8T245PWR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245PWR TI-SN74LVCH8T245PWR Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245PWR TI-SN74LVCH8T245PWR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245PWR TI-SN74LVCH8T245PWR Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74LVCH8T245PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC32DB TI1-SN74LVC32DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC2T245 TI1-SN74AVC2T245_16 Datasheet
354Kb / 21P
[Old version datasheet]   Dual-Bit Dual-Supply Bus Transceiver
SN74LVC2T45-EP TI-SN74LVC2T45-EP Datasheet
187Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC1T45 TI1-SN74LVC1T45_12 Datasheet
993Kb / 28P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC32T245 TI1-SN74AVC32T245_15 Datasheet
1Mb / 29P
[Old version datasheet]   32-Bit Dual-Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com