Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVCH8T245PWG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVCH8T245PWG4
Description  8-BIT Dual-Supply Bus Transceiver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVCH8T245PWG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVCH8T245PWG4 Datasheet HTML 2Page - Texas Instruments SN74LVCH8T245PWG4 Datasheet HTML 3Page - Texas Instruments SN74LVCH8T245PWG4 Datasheet HTML 4Page - Texas Instruments SN74LVCH8T245PWG4 Datasheet HTML 5Page - Texas Instruments SN74LVCH8T245PWG4 Datasheet HTML 6Page - Texas Instruments SN74LVCH8T245PWG4 Datasheet HTML 7Page - Texas Instruments SN74LVCH8T245PWG4 Datasheet HTML 8Page - Texas Instruments SN74LVCH8T245PWG4 Datasheet HTML 9Page - Texas Instruments SN74LVCH8T245PWG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
SN74LVCH8T245
SCES637B – AUGUST 2005 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: SN74LVCH8T245
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
(1)
VCCO is the VCC associated with the output port.
(2)
VCCI is the VCC associated with the input port.
(3)
The bus-hold circuit can sink at least the minimum low sustaining current at the VIL maximum. IBHL should be measured after lowering
VIN to GND and then raising it to VIL maximum.
(4)
The bus-hold circuit can source at least the minimum high sustaining current at VIH min. IBHH should be measured after raising VIN to
VCC and then lowering it to VIH min.
(5)
An external driver must source at least IBHLO to switch this node from low to high.
(6)
An external driver must sink at least IBHHO to switch this node from high to low.
6.5 Electrical Characteristics
All typical limits apply over TA = 25°C, and all maximum and minimum limits apply over TA = –40°C to 85°C (unless otherwise
noted).
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output
voltage(1)
IOH = –100 μA, VI = VIH
VCCA = VCCB = 1.65 V to 4.5 V
VCCO = 0.1
V
IOH = –4 mA, VI = VIH
VCCA = VCCB = 1.65 V
1.2
IOH = –8 mA, VI = VIH
VCCA = VCCB = 2.3 V
1.9
IOH = –24 mA, VI = VIH
VCCA = VCCB = 3 V
2.4
IOH = –32 mA, VI = VIH
VCCA = VCCB = 4.5 V
3.8
VOL
Low-level output
voltage
IOL = 100 μA, VI = VIL
VCCA = VCCB = 1.65 V to 4.5 V
0.1
V
IOL = 4 mA, VI = VIL
VCCA = VCCB = 1.65 V
0.45
IOL = 8 mA, VI = VIL
VCCA = VCCB = 2.3 V
0.3
IOL = 24 mA, VI = VIL
VCCA = VCCB = 3 V
0.55
IOL = 32 mA, VI = VIL
VCCA = VCCB = 4.5 V
0.55
II
Control inputs
VI = VCCA or GND
VCCA = VCCB = 1.65 V to 4.5 V
±0.5
±2
μA
IBHL
(3)
Bus-hold low
sustaining current
VI = 0.58 V
VCCA = VCCB = 1.65 V
15
μA
VI = 0.7 V
VCCA = VCCB = 2.3 V
45
VI = 0.8 V
VCCA = VCCB = 3 V
75
VI = 1.35 V
VCCA = VCCB = 4.5 V
100
IBHH
(4)
Bus-hold high
sustaining current
VI = 1.07 V
VCCA = VCCB = 1.65 V
–15
μA
VI = 1.7 V
VCCA = VCCB = 2.3 V
–45
VI = 2 V
VCCA = VCCB = 3 V
–75
VI = 3.15 V
VCCA = VCCB = 4.5 V
–100
IBHLO
(5)
Bus-hold low
overdrive current
VI = 0 to VCC
VCCA = VCCB = 1.95 V
200
μA
VCCA = VCCB = 2.7 V
300
VCCA = VCCB = 3.6 V
500
VCCA = VCCB = 5.5 V
900
IBHHO
(6)
Bus-hold high
overdrive current
VI = 0 to VCC
VCCA = VCCB = 1.95 V
–200
μA
VCCA = VCCB = 2.7 V
–300
VCCA = VCCB = 3.6 V
–500
VCCA = VCCB = 5.5 V
–900
Ioff
Input and output
power-off leakage
current
VI or VO = 0 to 5.5 V
VCCA = 0 V,
VCCB = 0 to 5.5 V
A Port
±0.5
±2
μA
VCCA = 0 to 5.5 V,
VCCB = 0 V
B Port
±0.5
±2
IOZ
Off-state output
current
VO = VCCO or GND,
VI = VCCI or GND
OE = VIH
VCCA = VCCB =
1.65 V to 4.5 V
A Port,
B Port
±2
μA
OE = X
VCCA = 0 V,
VCCB = 5.5 V
B Port
±2
VCCA = 5.5 V,
VCCB = 0 V
A Port
±2
ICCA
Supply current
A port
VI = VCCI or GND, IO = 0
VCCA = VCCB = 1.65 V to 4.5 V
20
μA
VCCA = 5 V, VCCB = 0 V
20
VCCA = 0 V, VCCB = 5 V
–2


Similar Part No. - SN74LVCH8T245PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCH8T245PWG4 TI-SN74LVCH8T245PWG4 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245PWG4 TI-SN74LVCH8T245PWG4 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245PWG4 TI-SN74LVCH8T245PWG4 Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245PWG4 TI-SN74LVCH8T245PWG4 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245PWG4 TI-SN74LVCH8T245PWG4 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74LVCH8T245PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC32DB TI1-SN74LVC32DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC2T245 TI1-SN74AVC2T245_16 Datasheet
354Kb / 21P
[Old version datasheet]   Dual-Bit Dual-Supply Bus Transceiver
SN74LVC2T45-EP TI-SN74LVC2T45-EP Datasheet
187Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC1T45 TI1-SN74LVC1T45_12 Datasheet
993Kb / 28P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC32T245 TI1-SN74AVC32T245_15 Datasheet
1Mb / 29P
[Old version datasheet]   32-Bit Dual-Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com