Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC3G34YZPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC3G34YZPR
Description  Triple Buffer Gate
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC3G34YZPR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC3G34YZPR Datasheet HTML 1Page - Texas Instruments SN74LVC3G34YZPR Datasheet HTML 2Page - Texas Instruments SN74LVC3G34YZPR Datasheet HTML 3Page - Texas Instruments SN74LVC3G34YZPR Datasheet HTML 4Page - Texas Instruments SN74LVC3G34YZPR Datasheet HTML 5Page - Texas Instruments SN74LVC3G34YZPR Datasheet HTML 6Page - Texas Instruments SN74LVC3G34YZPR Datasheet HTML 7Page - Texas Instruments SN74LVC3G34YZPR Datasheet HTML 8Page - Texas Instruments SN74LVC3G34YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SN74LVC3G34
www.ti.com
SCES366L – AUGUST 2001 – REVISED OCTOBER 2015
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
IOH = –100 µA
1.65 V to 5.5 V
VCC – 0.1
IOH = –4 mA
1.65 V
1.2
IOH = –8 mA
2.3 V
1.9
VOH
V
IOH = –16 mA
2.4
3 V
IOH = –24 mA
2.3
IOH = –32 mA
4.5 V
3.8
IOL = 100 µA
1.65 V to 5.5 V
0.1
IOL = 4 mA
1.65 V
0.45
IOL = 8 mA
2.3 V
0.3
IOL = 16 mA
3 V
0.4
TA = –40°C to
0.55
85°C
VOL
V
IOL = 24 mA
3 V
TA = –40°C to
0.75
125°C
TA = –40°C to
0.55
85°C
IOL = 32 mA
4.5 V
TA = –40°C to
0.75
125°C
II
A inputs
VI = 5.5 V or GND
0 to 5.5 V
±5
µA
Ioff
VI or VO = 5.5 V
0
±10
µA
ICC
VI = 5.5 V or GND,
IO = 0
1.65 V to 5.5 V
10
µA
One input at VCC – 0.6 V,
ΔICC
3 V to 5.5 V
500
µA
Other inputs at VCC or GND
TA = –40°C to
CI
VI = VCC or GND
3.3 V
3.5
pF
85°C
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
6.6 Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
FROM
TO
OPERATING FREE-AIR
PARAMETER
VCC
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
TEMPERATURE (TA)
VCC = 1.8 V ± 0.15 V
3.2
7.9
VCC = 2.5 V ± 0.2 V
1.5
4.4
tpd
A
Y
–40°C to 85°C
ns
VCC = 3.3 V ± 0.3 V
1.4
4.1
VCC = 5 V ± 0.5 V
1.1
3.2
VCC = 1.8 V ± 0.15 V
3.2
8.9
VCC = 2.5 V ± 0.2 V
1.5
5.4
tpd
A
Y
–40°C to 125°C
ns
VCC = 3.3 V ± 0.3 V
1.4
5.1
VCC = 5 V ± 0.5 V
1.1
3.8
6.7 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
VCC = 1.8 V
19
VCC = 2.5 V
19
Cpd
Power dissipation capacitance
f = 10 MHz
pF
VCC = 3.3 V
19
VCC = 5 V
21
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74LVC3G34


Similar Part No. - SN74LVC3G34YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G34YZPR TI-SN74LVC3G34YZPR Datasheet
318Kb / 12P
[Old version datasheet]   TRIPLE BUFFER GATE
SN74LVC3G34YZPR TI-SN74LVC3G34YZPR Datasheet
533Kb / 13P
[Old version datasheet]   TRIPLE BUFFER GATE
More results

Similar Description - SN74LVC3G34YZPR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G34 PHILIPS-74LVC3G34 Datasheet
79Kb / 14P
   Triple buffer gate
Rev. 03-31 January 2005
74HC3G34 NXP-74HC3G34 Datasheet
90Kb / 13P
   Triple buffer gate
Rev. 05-7 May 2009
logo
Unisonic Technologies
U74AHC3G34 UTC-U74AHC3G34 Datasheet
166Kb / 4P
   TRIPLE BUFFER GATE
logo
Nexperia B.V. All right...
74HCT3G34-Q100 NEXPERIA-74HCT3G34-Q100 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 2 - 11 June 2018
74HCT3G34 NEXPERIA-74HCT3G34 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 7 - 11 June 2018
logo
NXP Semiconductors
74HC3G34 PHILIPS-74HC3G34 Datasheet
81Kb / 16P
   Triple Buffer Gate
2003 May 19
logo
Texas Instruments
SN74LVC3G34 TI-SN74LVC3G34_07 Datasheet
533Kb / 13P
[Old version datasheet]   TRIPLE BUFFER GATE
logo
Unisonic Technologies
U74HCT3G34 UTC-U74HCT3G34 Datasheet
165Kb / 4P
   TRIPLE BUFFER GATE
logo
Nexperia B.V. All right...
74HC3G34-Q100 NEXPERIA-74HC3G34-Q100 Datasheet
197Kb / 13P
   Triple buffer gate
74HC3G16 NEXPERIA-74HC3G16 Datasheet
184Kb / 9P
   Triple buffer gate
Rev. 3 - 17 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com