Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC3G34 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC3G34
Description  Triple Buffer Gate
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC3G34 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC3G34_15 Datasheet HTML 1Page - Texas Instruments SN74LVC3G34_15 Datasheet HTML 2Page - Texas Instruments SN74LVC3G34_15 Datasheet HTML 3Page - Texas Instruments SN74LVC3G34_15 Datasheet HTML 4Page - Texas Instruments SN74LVC3G34_15 Datasheet HTML 5Page - Texas Instruments SN74LVC3G34_15 Datasheet HTML 6Page - Texas Instruments SN74LVC3G34_15 Datasheet HTML 7Page - Texas Instruments SN74LVC3G34_15 Datasheet HTML 8Page - Texas Instruments SN74LVC3G34_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
GND
5
4
2Y
3 6
3A
2A
2 7
1Y
3Y
8
V
CC
1
1A
1
V
CC
8
1A
2
7
3Y
1Y
3
6
2A
3A
4
5
GND
2Y
3
6
3A
2A
8
1
V
CC
1A
5
GND
4
2Y
2
7
1Y
3Y
SN74LVC3G34
www.ti.com
SCES366L – AUGUST 2001 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
DCT Package
DCU Package
8-Pin SM8
8-Pin VSSOP
Top View
Top View
YZP Package
8-Pin DSBGA
Bottom View
Pin Functions(1)
PIN
I/O
DESCRIPTION
NAME
NO.
1A
1
I
Buffer Input 1
1Y
7
O
Buffer Output 1
2A
3
I
Buffer Input 2
2Y
5
O
Buffer Output 2
3A
6
I
Buffer Input 3
3Y
2
O
Buffer Output 3
GND
4
Ground pin
VCC
8
Power pin
(1)
See mechanical drawings for dimensions
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
6.5
V
VI
Input voltage(2)
–0.5
6.5
V
VO
Voltage applied to any output in the high-impedance or power-off state(2)
–0.5
6.5
V
VO
Voltage applied to any output in the high or low state(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
-65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
The value of VCC is provided in the Recommended Operating Conditions table.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74LVC3G34


Similar Part No. - SN74LVC3G34_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G34DCTR TI-SN74LVC3G34DCTR Datasheet
318Kb / 12P
[Old version datasheet]   TRIPLE BUFFER GATE
SN74LVC3G34DCTR TI-SN74LVC3G34DCTR Datasheet
533Kb / 13P
[Old version datasheet]   TRIPLE BUFFER GATE
SN74LVC3G34DCTRE4 TI-SN74LVC3G34DCTRE4 Datasheet
533Kb / 13P
[Old version datasheet]   TRIPLE BUFFER GATE
SN74LVC3G34DCTRG4 TI-SN74LVC3G34DCTRG4 Datasheet
533Kb / 13P
[Old version datasheet]   TRIPLE BUFFER GATE
SN74LVC3G34DCUR TI-SN74LVC3G34DCUR Datasheet
318Kb / 12P
[Old version datasheet]   TRIPLE BUFFER GATE
More results

Similar Description - SN74LVC3G34_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G34 PHILIPS-74LVC3G34 Datasheet
79Kb / 14P
   Triple buffer gate
Rev. 03-31 January 2005
74HC3G34 NXP-74HC3G34 Datasheet
90Kb / 13P
   Triple buffer gate
Rev. 05-7 May 2009
logo
Unisonic Technologies
U74AHC3G34 UTC-U74AHC3G34 Datasheet
166Kb / 4P
   TRIPLE BUFFER GATE
logo
Nexperia B.V. All right...
74HCT3G34-Q100 NEXPERIA-74HCT3G34-Q100 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 2 - 11 June 2018
74HCT3G34 NEXPERIA-74HCT3G34 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 7 - 11 June 2018
logo
NXP Semiconductors
74HC3G34 PHILIPS-74HC3G34 Datasheet
81Kb / 16P
   Triple Buffer Gate
2003 May 19
logo
Texas Instruments
SN74LVC3G34 TI-SN74LVC3G34_07 Datasheet
533Kb / 13P
[Old version datasheet]   TRIPLE BUFFER GATE
logo
Unisonic Technologies
U74HCT3G34 UTC-U74HCT3G34 Datasheet
165Kb / 4P
   TRIPLE BUFFER GATE
logo
Nexperia B.V. All right...
74HC3G34-Q100 NEXPERIA-74HC3G34-Q100 Datasheet
197Kb / 13P
   Triple buffer gate
74HC3G16 NEXPERIA-74HC3G16 Datasheet
184Kb / 9P
   Triple buffer gate
Rev. 3 - 17 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com