Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC6C595DRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC6C595DRG4
Description  Power Logic 8-Bit Shift Register
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC6C595DRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPIC6C595DRG4 Datasheet HTML 2Page - Texas Instruments TPIC6C595DRG4 Datasheet HTML 3Page - Texas Instruments TPIC6C595DRG4 Datasheet HTML 4Page - Texas Instruments TPIC6C595DRG4 Datasheet HTML 5Page - Texas Instruments TPIC6C595DRG4 Datasheet HTML 6Page - Texas Instruments TPIC6C595DRG4 Datasheet HTML 7Page - Texas Instruments TPIC6C595DRG4 Datasheet HTML 8Page - Texas Instruments TPIC6C595DRG4 Datasheet HTML 9Page - Texas Instruments TPIC6C595DRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TPIC6C595
SLIS061D – JULY 1998 – REVISED SEPTEMBER 2015
www.ti.com
6.6 Switching Characteristics
VCC = 5 V, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay time, low-to-high-level output
tPLH
80
ns
from G
Propagation delay time, high-to-low-level output
tPHL
50
ns
CL = 30 pF, ID = 75 mA, See Figure 8,
from G
Figure 9 and Figure 5
tpd
Propagation delay time, SRCK
↓ to SEROUT
15
ns
tr
Rise time, drain output
100
ns
tf
Fall time, drain output
80
ns
ta
Reverse-recovery-current rise time
100
IF = 100 mA, di/dt = 10 A/µs
(1) (2),
ns
See Figure 10
trr
Reverse-recovery time
120
(1)
Technique should limit TJ − TC to 10°C maximum.
(2)
These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts.
6
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
Product Folder Links: TPIC6C595


Similar Part No. - TPIC6C595DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595DRG4 TI1-TPIC6C595DRG4 Datasheet
962Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
More results

Similar Description - TPIC6C595DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595 TI1-TPIC6595_16 Datasheet
1Mb / 18P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596 TI-TPIC6A596 Datasheet
198Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
   Power logic 8-bit shift register
logo
Texas Instruments
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DWR TI1-TPIC6A595DWR Datasheet
568Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6C595 STMICROELECTRONICS-STPIC6C595_08 Datasheet
420Kb / 22P
   Power logic 8-bit shift register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com