Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC6B595DWG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC6B595DWG4
Description  Power Logic 8-Bit Shift Register
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC6B595DWG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPIC6B595DWG4 Datasheet HTML 1Page - Texas Instruments TPIC6B595DWG4 Datasheet HTML 2Page - Texas Instruments TPIC6B595DWG4 Datasheet HTML 3Page - Texas Instruments TPIC6B595DWG4 Datasheet HTML 4Page - Texas Instruments TPIC6B595DWG4 Datasheet HTML 5Page - Texas Instruments TPIC6B595DWG4 Datasheet HTML 6Page - Texas Instruments TPIC6B595DWG4 Datasheet HTML 7Page - Texas Instruments TPIC6B595DWG4 Datasheet HTML 8Page - Texas Instruments TPIC6B595DWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
2
SRG8
9
12
8
13
3
EN3
C2
R
C1
1D
G
RCK
SRCLR
SRCK
SER IN
4
6
5
14
7
16
15
18
17
DRAIN0
DRAIN1
DRAIN2
DRAIN3
DRAIN4
DRAIN5
DRAIN6
DRAIN7
SER OUT
2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPIC6B595
SLIS032B – JULY 1995 – REVISED JUNE 2015
TPIC6B595 Power Logic 8-Bit Shift Register
The storage register transfers data to the output
1 Features
buffer when shift-register clear (SRCLR) is high.
1
Low rDS(on),5 Ω (Typical)
When SRCLR is low, the input shift register is
Avalanche Energy, 30 mJ
cleared. When output enable (G) is held high, all data
in the output buffers is held low and all drain outputs
Eight Power DMOS Transistor Outputs of 150-mA
are off. When G is held low, data from the storage
Continuous Current
register is transparent to the output buffers. When
Output Clamp Voltage, 50 V
data in the output buffers is low, the DMOS-transistor
Devices are Cascadable
outputs are off. When data is high, the DMOS
transistor outputs have sink-current capability. The
Low-Power Consumption
serial output (SER OUT) allows for cascading of the
data from the shift register to additional devices.
2 Applications
Outputs are low-side, open-drain DMOS transistors
Instrumentation Clusters
with output ratings of 50 V and 150-mA continuous
Tell-Tale Lamps
sink-current capability. Each output provides a 500-
LED Illumination and Controls
mA typical current limit at TC = 25°C. The current limit
decreases as the junction temperature increases for
Automotive Relay or Solenoids Drivers
additional device protection.
3 Description
The TPIC6B595 is characterized for operation over
The TPIC6B595 device is a monolithic, high-voltage,
the operating case temperature range of
−40°C to
medium-current power 8-bit shift register designed for
125°C.
use in systems that require relatively high load power.
The device contains a built-in voltage clamp on the
Device Information(1)
outputs for inductive transient protection. Power
PART NUMBER
PACKAGE
BODY SIZE (NOM)
driver applications include relays, solenoids, and
SOIC (20)
12.80 mm × 7.50 mm
other medium current or high-voltage loads.
TPIC6B595
PDIP (20)
24.33 mm × 6.35 mm
This device contains an 8-bit serial-in, parallel-out
(1) For all available packages, see the orderable addendum at
shift register that feeds an 8-bit D-type storage
the end of the data sheet.
register. Data transfers through the shift and storage
registers on the rising edge of the shift-register clock
(SRCK) and the register clock (RCK), respectively.
Logic Symbol
This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPIC6B595DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6B595DWG4 TI1-TPIC6B595DWG4 Datasheet
808Kb / 15P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
More results

Similar Description - TPIC6B595DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595 TI1-TPIC6595_16 Datasheet
1Mb / 18P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596 TI-TPIC6A596 Datasheet
198Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
   Power logic 8-bit shift register
logo
Texas Instruments
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DWR TI1-TPIC6A595DWR Datasheet
568Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6C595 STMICROELECTRONICS-STPIC6C595_08 Datasheet
420Kb / 22P
   Power logic 8-bit shift register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com