Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0101DRLRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0101DRLRG4
Description   1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXS0101DRLRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TXS0101DRLRG4 Datasheet HTML 4Page - Texas Instruments TXS0101DRLRG4 Datasheet HTML 5Page - Texas Instruments TXS0101DRLRG4 Datasheet HTML 6Page - Texas Instruments TXS0101DRLRG4 Datasheet HTML 7Page - Texas Instruments TXS0101DRLRG4 Datasheet HTML 8Page - Texas Instruments TXS0101DRLRG4 Datasheet HTML 9Page - Texas Instruments TXS0101DRLRG4 Datasheet HTML 10Page - Texas Instruments TXS0101DRLRG4 Datasheet HTML 11Page - Texas Instruments TXS0101DRLRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
TXS0101
SCES638C – OCTOBER 2007 – REVISED DECEMBER 2015
www.ti.com
6.9 Switching Characteristics: VCCA = 1.8 V ± 0.15 V
over recommended operating free-air temperature range, VCCA = 2.5 V ± 0.2 V (unless otherwise noted)
FROM
TO
PARAMETER
TEST CONDITIONS (DRIVING)
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
VCCB = 2.5 V ± 0.2 V
5.3
Push-pull, Figure 4
VCCB = 3.3 V ± 0.3 V
5.4
VCCB = 5 V ± 0.5 V
6.8
tPHL Figure 8
VCCB = 2.5 V ± 0.2 V
2.3
8.8
Open-drain, Figure 5
VCCB = 3.3 V ± 0.3 V
2.4
9.6
VCCB = 5 V ± 0.5 V
2.6
10
A
B
ns
VCCB = 2.5 V ± 0.2 V
6.8
Push-pull, Figure 4
VCCB = 3.3 V ± 0.3 V
7.1
VCCB = 5 V ± 0.5 V
7.5
tPLH Figure 8
VCCB = 2.5 V ± 0.2 V
45
260
Open-drain, Figure 5
VCCB = 3.3 V ± 0.3 V
36
208
VCCB = 5 V ± 0.5 V
27
198
VCCB = 2.5 V ± 0.2 V
4.4
Push-pull, Figure 4
VCCB = 3.3 V ± 0.3 V
4.5
VCCB = 5 V ± 0.5 V
4.7
tPHL Figure 8
VCCB = 2.5 V ± 0.2 V
1.9
5.3
Open-drain, Figure 5
VCCB = 3.3 V ± 0.3 V
1.1
4.4
VCCB = 5 V ± 0.5 V
1.2
4
B
A
ns
VCCB = 2.5 V ± 0.2 V
5.3
Push-pull, Figure 4
VCCB = 3.3 V ± 0.3 V
4.5
VCCB = 5 V ± 0.5 V
0.5
tPLH Figure 8
VCCB = 2.5 V ± 0.2 V
45
175
Open-drain, Figure 5
VCCB = 3.3 V ± 0.3 V
36
140
VCCB = 5 V ± 0.5 V
27
102
VCCB = 2.5 V ± 0.2 V
200
ten Figure 9
OE
A or B
Push-pull, Figure 6
VCCB = 3.3 V ± 0.3 V
200
ns
VCCB = 5 V ± 0.5 V
200
VCCB = 2.5 V ± 0.2 V
50
tdis Figure 9
OE
A or B
VCCB = 3.3 V ± 0.3 V
40
ns
VCCB = 5 V ± 0.5 V
35
VCCB = 2.5 V ± 0.2 V
3.2
9.5
Push-pull
VCCB = 3.3 V ± 0.3 V
2.3
9.3
VCCB = 5 V ± 0.5 V
2
7.6
trA
A-port rise time
ns
VCCB = 2.5 V ± 0.2 V
38
165
Open-drain
VCCB = 3.3 V ± 0.3 V
30
132
VCCB = 5 V ± 0.5 V
22
95
VCCB = 2.5 V ± 0.2 V
1.1
10.8
Push-pull
VCCB = 3.3 V ± 0.3 V
1
9.1
VCCB = 5 V ± 0.5 V
1
7.6
trB
B-port rise time
ns
VCCB = 2.5 V ± 0.2 V
34
145
Open-drain
VCCB = 3.3 V ± 0.3 V
23
106
VCCB = 5 V ± 0.5 V
10
76
8
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TXS0101


Similar Part No. - TXS0101DRLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0101DRLRG4 TI-TXS0101DRLRG4 Datasheet
590Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0101DRLRG4 TI-TXS0101DRLRG4 Datasheet
615Kb / 19P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0101DRLRG4 TI-TXS0101DRLRG4 Datasheet
840Kb / 21P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
More results

Similar Description - TXS0101DRLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0101 TI1-TXB0101_15 Datasheet
1Mb / 31P
[Old version datasheet]   1-Bit Bidirectional Level-Shifting and Voltage Translator
TXB0106 TI1-TXB0106_15 Datasheet
1Mb / 28P
[Old version datasheet]   6-Bit Bidirectional Level-Shifting and Voltage Translator
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
logo
Unisonic Technologies
UVXS0102 UTC-UVXS0102 Datasheet
220Kb / 11P
   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
logo
Texas Instruments
TXS0108E TI1-TXS0108E_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Bi-directional, Level-Shifting, Voltage Translator
TXS0108E-Q1 TI1-TXS0108E-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Bi-directional, Level-Shifting, Voltage Translator
TXB0304 TI1-TXB0304_15 Datasheet
982Kb / 25P
[Old version datasheet]   4-Bit Bidirectional Level-Shifter/Voltage Translator
logo
Union Semiconductor, In...
UM3301 UNIONSEMI-UM3301 Datasheet
371Kb / 13P
   1-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing
logo
Texas Instruments
TXS0101 TI-TXS0101 Datasheet
590Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
SN74AUP1T34 TI1-SN74AUP1T34 Datasheet
737Kb / 16P
[Old version datasheet]   1-Bit Unidirectional Voltage-Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com