Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0101DCKT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0101DCKT
Description   1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXS0101DCKT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TXS0101DCKT Datasheet HTML 3Page - Texas Instruments TXS0101DCKT Datasheet HTML 4Page - Texas Instruments TXS0101DCKT Datasheet HTML 5Page - Texas Instruments TXS0101DCKT Datasheet HTML 6Page - Texas Instruments TXS0101DCKT Datasheet HTML 7Page - Texas Instruments TXS0101DCKT Datasheet HTML 8Page - Texas Instruments TXS0101DCKT Datasheet HTML 9Page - Texas Instruments TXS0101DCKT Datasheet HTML 10Page - Texas Instruments TXS0101DCKT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TXS0101
www.ti.com
SCES638C – OCTOBER 2007 – REVISED DECEMBER 2015
6.6 Timing Requirements: V CCA = 1.8 V ± 0.15 V
MIN
NOM
MAX
UNIT
VCCB = 2.5 V, ± 0.2 V
21
Push-pull driving, Figure 4
VCCB = 3.3 V, ± 0.3 V
22
VCCB = 5 V, ± 0.5 V
24
Data rate
Mbps
VCCB = 2.5 V, ± 0.2 V
2
Open-drain driving, Figure 5
VCCB = 3.3 V, ± 0.3 V
2
VCCB = 5 V, ± 0.5 V
2
tw
VCCB = 2.5 V, ± 0.2 V
47
Push-pull driving, Figure 4
VCCB = 3.3 V, ± 0.3 V
45
VCCB = 5 V, ± 0.5 V
41
Pulse duration Figure 7
Data inputs
ns
VCCB = 2.5 V, ± 0.2 V
500
Open-drain driving, Figure 5
VCCB = 3.3 V, ± 0.3 V
500
VCCB = 5 V, ± 0.5 V
500
6.7 Timing Requirements VCCA = 2.5 V ± 0.2 V
MIN
NOM
MAX
UNIT
VCCB = 2.5 V, ± 0.2 V
20
Push-pull driving, Figure 4
VCCB = 3.3 V, ± 0.3 V
22
VCCB = 5 V, ± 0.5 V
24
Data rate
Mbps
VCCB = 2.5 V, ± 0.2 V
2
Open-drain driving, Figure 5
VCCB = 3.3 V, ± 0.3 V
2
VCCB = 5 V, ± 0.5 V
1
tw
VCCB = 2.5 V, ± 0.2 V
50
Push-pull driving, Figure 4
VCCB = 3.3 V, ± 0.3 V
45
VCCB = 5 V, ± 0.5 V
41
Pulse duration Figure 7
Data inputs
ns
VCCB = 2.5 V, ± 0.2 V
500
Open-drain driving, Figure 5
VCCB = 3.3 V, ± 0.3 V
500
VCCB = 5 V, ± 0.5 V
500
6.8 Timing Requirements: 3.3 V ± 0.3 V
MIN
NOM
MAX
UNIT
VCCB = 3.3 V, ± 0.3 V
23
Push-pull driving, Figure 4
VCCB = 5 V, ± 0.5 V
24
Data rate
Mbps
VCCB = 3.3 V, ± 0.3 V
2
Open-drain driving, Figure 5
VCCB = 5 V, ± 0.5 V
2
VCCB = 3.3 V, ± 0.3 V
43
Push-pull driving, Figure 4
VCCB = 5 V, ± 0.5 V
41
Pulse duration Figure 7
Data inputs
ns
VCCB = 3.3 V, ± 0.3 V
500
Open-drain driving, Figure 5
VCCB = 5 V, ± 0.5 V
500
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TXS0101


Similar Part No. - TXS0101DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0101DCKT TI-TXS0101DCKT Datasheet
590Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0101DCKT TI-TXS0101DCKT Datasheet
615Kb / 19P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0101DCKT TI-TXS0101DCKT Datasheet
840Kb / 21P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0101DCKTG4 TI-TXS0101DCKTG4 Datasheet
590Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0101DCKTG4 TI-TXS0101DCKTG4 Datasheet
615Kb / 19P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
More results

Similar Description - TXS0101DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0101 TI1-TXB0101_15 Datasheet
1Mb / 31P
[Old version datasheet]   1-Bit Bidirectional Level-Shifting and Voltage Translator
TXB0106 TI1-TXB0106_15 Datasheet
1Mb / 28P
[Old version datasheet]   6-Bit Bidirectional Level-Shifting and Voltage Translator
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
logo
Unisonic Technologies
UVXS0102 UTC-UVXS0102 Datasheet
220Kb / 11P
   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
logo
Texas Instruments
TXS0108E TI1-TXS0108E_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Bi-directional, Level-Shifting, Voltage Translator
TXS0108E-Q1 TI1-TXS0108E-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Bi-directional, Level-Shifting, Voltage Translator
TXB0304 TI1-TXB0304_15 Datasheet
982Kb / 25P
[Old version datasheet]   4-Bit Bidirectional Level-Shifter/Voltage Translator
logo
Union Semiconductor, In...
UM3301 UNIONSEMI-UM3301 Datasheet
371Kb / 13P
   1-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing
logo
Texas Instruments
TXS0101 TI-TXS0101 Datasheet
590Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
SN74AUP1T34 TI1-SN74AUP1T34 Datasheet
737Kb / 16P
[Old version datasheet]   1-Bit Unidirectional Voltage-Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com