Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ9.0 Datasheet(PDF) 3 Page - YENYO TECHNOLOGY Co., Ltd

Part # SMBJ9.0
Description  Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

SMBJ9.0 Datasheet(HTML) 3 Page - YENYO TECHNOLOGY Co., Ltd

  SMBJ9.0 Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd SMBJ9.0 Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd SMBJ9.0 Datasheet HTML 3Page - YENYO TECHNOLOGY Co., Ltd SMBJ9.0 Datasheet HTML 4Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part No.
VRWM VBR Min VBR Max
IT
IFSM
IR @VRWM
( V )
( V )
( V )
( mA ) (A) @8.3mS
( V )
Ipp(A)
( uA )
UNI
BI
SMBJ SERIES
Absolute Maximum Rating (Ta=25oC)
Electrical Characteristics (Ta=25oC)
Max Vc
Marking Code
SMBJ48(c)
48.00
53.3
65.1
1
100
85.5
7.0
1
MW
CW
SMBJ48(c)A
48.00
53.3
58.9
1
100
77.4
7.7
1
MX
CX
SMBJ51(c)
51.00
56.7
69.3
1
100
91.1
6.6
1
MY
CY
SMBJ51(c)A
51.00
56.7
62.7
1
100
82.4
7.3
1
MZ
CZ
SMBJ54(c)
54.00
60.0
73.3
1
100
96.3
6.2
1
ND
DD
SMBJ54(c)A
54.00
60.0
66.3
1
100
87.1
6.9
1
NE
DE
SMBJ58(c)
58.00
64.4
78.7
1
100
103.0
5.8
1
NF
DF
SMBJ58(c)A
58.00
64.4
71.2
1
100
93.6
6.4
1
NG
DG
SMBJ60(c)
60.00
66.7
81.5
1
100
107.0
5.6
1
NH
DH
SMBJ60(c)A
60.00
66.7
73.7
1
100
96.8
6.2
1
NK
DK
SMBJ64(c)
64.00
71.1
86.9
1
100
114.0
5.3
1
NL
DL
SMBJ64(c)A
64.00
71.1
78.6
1
100
103.0
5.8
1
NM
DM
SMBJ70(c)
70.00
77.8
95.1
1
100
125.0
4.8
1
NN
DN
SMBJ70(c)A
70.00
77.8
86.0
1
100
113.0
5.3
1
NP
DP
SMBJ75(c)
75.00
83.3
102.0
1
100
134.0
4.5
1
NQ
DQ
SMBJ75(c)A
75.00
83.3
92.1
1
100
121.0
4.9
1
NR
DR
SMBJ78(c)
78.00
86.7
106.0
1
100
139.0
4.3
1
NS
DS
SMBJ78(c)A
78.00
86.7
95.8
1
100
126.0
4.7
1
NT
DT
SMBJ85(c)
85.00
94.4
115.0
1
100
151.0
3.9
1
NU
DU
SMBJ85(c)A
85.00
94.4
104.0
1
100
137.0
4.4
1
NV
DV
SMBJ90(c)
90.00
100.0
122.0
1
100
160.0
3.8
1
NW
DW
SMBJ90(c)A
90.00
100.0
111.0
1
100
146.0
4.1
1
NX
DX
SMBJ100(c)
100.00
111.0
136.0
1
100
179.0
3.4
1
NY
DY
SMBJ100(c)A
100.00
111.0
123.0
1
100
162.0
3.7
1
NZ
DZ
SMBJ110(c)
110.00
122.0
149.0
1
100
196.0
3.0
1
PD
ED
SMBJ110(c)A
110.00
122.0
135.0
1
100
177.0
3.4
1
PE
EE
SMBJ120(c)
120.00
133.0
163.0
1
100
214.0
2.8
1
PF
EF
SMBJ120(c)A
120.00
133.0
147.0
1
100
193.0
3.1
1
PG
EG
SMBJ130(c)
130.00
144.0
176.0
1
100
231.0
2.6
1
PH
EH
SMBJ130(c)A
130.00
144.0
159.0
1
100
209.0
2.9
1
PK
EK
SMBJ150(c)
150.00
167.0
204.0
1
100
268.0
2.2
1
PL
EL
SMBJ150(c)A
150.00
167.0
185.0
1
100
243.0
2.5
1
PM
EM
SMBJ160(c)
160.00
178.0
218.0
1
100
287.0
2.1
1
PN
EN
SMBJ160(c)A
160.00
178.0
197.0
1
100
259.0
2.3
1
PP
EP
SMBJ170(c)
170.00
189.0
231.0
1
100
304.0
2.0
1
PQ
EQ
SMBJ170(c)A
170.00
189.0
209.0
1
100
275.0
2.2
1
PR
ER
Suffix A: 5%
Suffix C: Bi-Directional
For the bidirection SMBJ5.0CA, the maximum VBR is 7.25V.
For the bidirection typ having Vrwm of 10 volts and less, the IR limit is doubled.
3 / 4
R3, JAN-13
SMBJ180(c)A
SMBJ200(c)A
SMBJ220(c)A
SMBJ250(c)A
SMBJ300(c)A
SMBJ350(c)A
SMBJ400(c)A
SMBJ440(c)A
180.00
200.00
220.00
250.00
300.00
350.00
400.00
440.00
201.0
224.0
246.0
279.0
335.0
391.0
447.0
492.0
222.0
247.0
272.0
309.0
371.0
432.0
494.0
543.0
1
1
1
1
1
1
1
1
100
100
100
100
100
100
100
100
292.0
324.0
356.0
405.0
2.1
1.9
1.7
1.5
1
1
1
1
PT
PV
PX
PZ
ET
EV
EX
EZ
486.0
567.0
648.0
713.0
1.3
1.1
0.9
0.9
1
1
1
1
QE
QG
QK
QM
FE
FK
FM
FG


Similar Part No. - SMBJ9.0

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ9.0 SOCAY-SMBJ9.0 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMBJ9.0 JGD-SMBJ9.0 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ9.0 MICROSEMI-SMBJ9.0 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SMBJ9.0 SOCAY-SMBJ9.0 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Galaxy Semi-Conductor H...
SMBJ9.0 BILIN-SMBJ9.0 Datasheet
118Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMBJ9.0

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com