Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0108ERGYR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0108ERGYR
Description  8-Bit Bi-directional, Level-Shifting, Voltage Translator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXS0108ERGYR Datasheet(HTML) 3 Page - Texas Instruments

  TXS0108ERGYR Datasheet HTML 1Page - Texas Instruments TXS0108ERGYR Datasheet HTML 2Page - Texas Instruments TXS0108ERGYR Datasheet HTML 3Page - Texas Instruments TXS0108ERGYR Datasheet HTML 4Page - Texas Instruments TXS0108ERGYR Datasheet HTML 5Page - Texas Instruments TXS0108ERGYR Datasheet HTML 6Page - Texas Instruments TXS0108ERGYR Datasheet HTML 7Page - Texas Instruments TXS0108ERGYR Datasheet HTML 8Page - Texas Instruments TXS0108ERGYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
19
18
17
16
15
14
12
13
1
2
3
4
5
6
7
9
8
10
11
20
A2
A4
A6
A8
VCCA
A3
A5
A7
B2
B4
B6
B8
VCCB
B3
B5
B7
Exposed
Center
Pad
19
18
17
16
15
14
12
13
1
2
3
4
5
6
7
9
8
10
11
20
B1
B2
B4
B6
B8
V
CCB
B3
B5
B7
A1
A2
A4
A6
A8
V
CCA
A3
A5
A7
OE
GND
A
B
C
D
2
1
3
4
5
3
TXS0108E
www.ti.com
SCES642D – DECEMBER 2007 – REVISED FEBRUARY 2016
Product Folder Links: TXS0108E
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
ZXY PACKAGE
20 BUMP
(BOTTOM VIEW)
PW PACKAGE
20-PIN TSSOP
(TOP VIEW)
The exposed center pad, if used, must be connected as a secondary ground or left electrically open.
RGY PACKAGE
20 PINS
(TOP VIEW)
Pin Assignments
1
2
3
4
5
D
VCCB
B2
B4
B6
B8
C
B1
B3
B5
B7
GND
B
A1
A3
A5
A7
OE
A
VCCA
A2
A4
A6
A8
Pin Functions
PIN NO.
TYPE
DESCRIPTION
NAME
PW, RGY
ZXY
A1
1
B1
I/O
Input/output 1. Referenced to VCCA
A2
3
A2
I/O
Input/output 2. Referenced to VCCA
A3
4
B2
I/O
Input/output 3. Referenced to VCCA
A4
5
A3
I/O
Input/output 4. Referenced to VCCA
A5
6
B3
I/O
Input/output 5. Referenced to VCCA
A6
7
A4
I/O
Input/output 6. Referenced to VCCA
A7
8
B4
I/O
Input/output 7. Referenced to VCCA
A8
9
A5
I/O
Input/output 8. Referenced to VCCA
B1
20
C 1
I/O
Input/output 1. Referenced to VCCB
B2
18
D2
I/O
Input/output 2. Referenced to VCCB
B3
17
C2
I/O
Input/output 3. Referenced to VCCB
B4
16
D3
I/O
Input/output 4. Referenced to VCCB


Similar Part No. - TXS0108ERGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0108ERGYR TI-TXS0108ERGYR Datasheet
844Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108ERGYR TI-TXS0108ERGYR Datasheet
764Kb / 23P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108ERGYR TI-TXS0108ERGYR Datasheet
677Kb / 23P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108ERGYR TI1-TXS0108ERGYR Datasheet
2Mb / 36P
[Old version datasheet]   TXS0108E 8-Bit Bi-directional, Level-Shifting, Voltage Translator for Open-Drain and Push-Pull Applications
More results

Similar Description - TXS0108ERGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0108E-Q1 TI1-TXS0108E-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Bi-directional, Level-Shifting, Voltage Translator
TXS0108E TI1-TXS0108E_V01 Datasheet
2Mb / 36P
[Old version datasheet]   TXS0108E 8-Bit Bi-directional, Level-Shifting, Voltage Translator for Open-Drain and Push-Pull Applications
TXS0101 TI1-TXS0101_15 Datasheet
1Mb / 32P
[Old version datasheet]    1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
TXB0101 TI1-TXB0101_15 Datasheet
1Mb / 31P
[Old version datasheet]   1-Bit Bidirectional Level-Shifting and Voltage Translator
TXB0106 TI1-TXB0106_15 Datasheet
1Mb / 28P
[Old version datasheet]   6-Bit Bidirectional Level-Shifting and Voltage Translator
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000_03 Datasheet
108Kb / 13P
   22-bit bi-directional low voltage translator
2003 Apr 01
GTL2002 PHILIPS-GTL2002 Datasheet
114Kb / 14P
   2-bit bi-directional low voltage translator
2004 Sep 29
logo
ON Semiconductor
FXWA9306 ONSEMI-FXWA9306 Datasheet
396Kb / 11P
   Dual Bi-Directional I2C-Bus and SMBus Voltage-Level Translator
September 2017 Rev. 2
logo
Fairchild Semiconductor
FXLH1T45 FAIRCHILD-FXLH1T45 Datasheet
338Kb / 11P
   Low Voltage 1-Bit Bi-directional Level Translator with Configurable Voltage Supplies and Bushold Data Inputs
logo
Pericom Semiconductor C...
PI4ULS3V502 PERICOM-PI4ULS3V502 Datasheet
417Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com