Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0108E Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0108E
Description  8-Bit Bi-directional, Level-Shifting, Voltage Translator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXS0108E Datasheet(HTML) 11 Page - Texas Instruments

Back Button TXS0108E Datasheet HTML 7Page - Texas Instruments TXS0108E Datasheet HTML 8Page - Texas Instruments TXS0108E Datasheet HTML 9Page - Texas Instruments TXS0108E Datasheet HTML 10Page - Texas Instruments TXS0108E Datasheet HTML 11Page - Texas Instruments TXS0108E Datasheet HTML 12Page - Texas Instruments TXS0108E Datasheet HTML 13Page - Texas Instruments TXS0108E Datasheet HTML 14Page - Texas Instruments TXS0108E Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
TXS0108E-Q1
www.ti.com
SCES861A – JUNE 2015 – REVISED FEBRUARY 2016
Product Folder Links: TXS0108E-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
6.13 Switching Characteristics: VCCA = 3.3 V ± 0.3 V
over recommended operating free-air temperature range, VCCA = 3.3 V ± 0.3 V (unless otherwise noted)
PARAME
TER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITION
(DRIVING)
VCCB = 3.3 V
± 0.3 V
VCCB = 5 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
tPHL
A
B
Push-pull
3.8
3.28
ns
Open-drain
5.3
4.8
tPLH
Push-pull
3.9
3.5
Open-drain
5
12.5
tPHL
B
A
Push-pull
4.2
3.8
ns
Open-drain
5.5
4.5
tPLH
Push-pull
4.32
4.3
Open-drain
5
5
ten
OE
A or B
Push-pull
100
100
ns
tdis
OE
A or B
400
400
ns
trA
A-port rise time
Push-pull
1.5
5.7
1.4
5
ns
Open-drain
129
446
99.6
337
trB
B-port rise time
Push-pull
1.35
5
1
4.24
ns
Open-drain
129
427
77
290
tfA
A-port fall time
Push-pull
1.4
4.5
1.3
3.5
ns
Open-drain
1.4
4.4
1.2
3.7
tfB
B-port fall time
Push-pull
1.3
4.2
1.1
3.1
Open-drain
1.3
4.2
1.1
3.1
tSK(O)
Channel-to-channel skew
Push-pull
1
1
ns


Similar Part No. - TXS0108E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0108E TI-TXS0108E Datasheet
844Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108E TI-TXS0108E Datasheet
764Kb / 23P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108E TI-TXS0108E Datasheet
677Kb / 23P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108E TI1-TXS0108E Datasheet
2Mb / 36P
[Old version datasheet]   TXS0108E 8-Bit Bi-directional, Level-Shifting, Voltage Translator for Open-Drain and Push-Pull Applications
TXS0108E-Q1 TI1-TXS0108E-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   TXS0108E 8-Bit Bi-directional, Level-Shifting, Voltage Translator for Open-Drain and Push-Pull Applications
More results

Similar Description - TXS0108E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0108E TI1-TXS0108E_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Bi-directional, Level-Shifting, Voltage Translator
TXS0108E TI1-TXS0108E_V01 Datasheet
2Mb / 36P
[Old version datasheet]   TXS0108E 8-Bit Bi-directional, Level-Shifting, Voltage Translator for Open-Drain and Push-Pull Applications
TXS0101 TI1-TXS0101_15 Datasheet
1Mb / 32P
[Old version datasheet]    1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
TXB0101 TI1-TXB0101_15 Datasheet
1Mb / 31P
[Old version datasheet]   1-Bit Bidirectional Level-Shifting and Voltage Translator
TXB0106 TI1-TXB0106_15 Datasheet
1Mb / 28P
[Old version datasheet]   6-Bit Bidirectional Level-Shifting and Voltage Translator
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000_03 Datasheet
108Kb / 13P
   22-bit bi-directional low voltage translator
2003 Apr 01
GTL2002 PHILIPS-GTL2002 Datasheet
114Kb / 14P
   2-bit bi-directional low voltage translator
2004 Sep 29
logo
ON Semiconductor
FXWA9306 ONSEMI-FXWA9306 Datasheet
396Kb / 11P
   Dual Bi-Directional I2C-Bus and SMBus Voltage-Level Translator
September 2017 Rev. 2
logo
Fairchild Semiconductor
FXLH1T45 FAIRCHILD-FXLH1T45 Datasheet
338Kb / 11P
   Low Voltage 1-Bit Bi-directional Level Translator with Configurable Voltage Supplies and Bushold Data Inputs
logo
Pericom Semiconductor C...
PI4ULS3V502 PERICOM-PI4ULS3V502 Datasheet
417Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com