Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0108E-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0108E-Q1
Description  8-Bit Bi-directional, Level-Shifting, Voltage Translator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXS0108E-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TXS0108E-Q1 Datasheet HTML 1Page - Texas Instruments TXS0108E-Q1 Datasheet HTML 2Page - Texas Instruments TXS0108E-Q1 Datasheet HTML 3Page - Texas Instruments TXS0108E-Q1 Datasheet HTML 4Page - Texas Instruments TXS0108E-Q1 Datasheet HTML 5Page - Texas Instruments TXS0108E-Q1 Datasheet HTML 6Page - Texas Instruments TXS0108E-Q1 Datasheet HTML 7Page - Texas Instruments TXS0108E-Q1 Datasheet HTML 8Page - Texas Instruments TXS0108E-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
TXS0108E-Q1
SCES861A – JUNE 2015 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TXS0108E-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ..................................... 4
6.2
ESD Ratings ............................................................ 4
6.3
Recommended Operating Conditions ...................... 5
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics .......................................... 6
6.6
Timing Requirements: VCCA = 1.5 V ± 0.1 V ............ 6
6.7
Timing Requirements: VCCA = 1.8 V ± 0.15 V .......... 7
6.8
Timing Requirements: VCCA = 2.5 V ± 0.2 V ............ 7
6.9
Timing Requirements: VCCA = 3.3 V ± 0.3 V ............ 7
6.10
Switching Characteristics: VCCA = 1.5 V ± 0.1 V .... 8
6.11
Switching Characteristics: VCCA = 1.8 V ± 0.15 V .. 9
6.12
Switching Characteristics: VCCA = 2.5 V ± 0.2 V .. 10
6.13
Switching Characteristics: VCCA = 3.3 V ± 0.3 V .. 11
6.14
Typical Characteristics .......................................... 12
7
Parameter Measurement Information ................ 13
7.1
Load Circuits ........................................................... 13
7.2
Voltage Waveforms................................................. 14
8
Detailed Description ............................................ 15
8.1
Overview ................................................................. 15
8.2
Functional Block Diagram ....................................... 15
8.3
Feature Description................................................. 15
8.4
Device Functional Modes........................................ 17
9
Application and Implementation ........................ 18
9.1
Application Information............................................ 18
9.2
Typical Application ................................................. 18
10
Power Supply Recommendations ..................... 20
11
Layout................................................................... 20
11.1
Layout Guidelines ................................................. 20
11.2
Layout Example .................................................... 20
12
Device and Documentation Support ................. 21
12.1
Community Resources.......................................... 21
12.2
Trademarks ........................................................... 21
12.3
Electrostatic Discharge Caution ............................ 21
12.4
Glossary ................................................................ 21
13
Mechanical, Packaging, and Orderable
Information ........................................................... 21
4 Revision History
Changes from Original (June 2015) to Revision A
Page
Made changes to Pin Functions ............................................................................................................................................ 1


Similar Part No. - TXS0108E-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0108E-Q1 TI1-TXS0108E-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   TXS0108E 8-Bit Bi-directional, Level-Shifting, Voltage Translator for Open-Drain and Push-Pull Applications
More results

Similar Description - TXS0108E-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0108E TI1-TXS0108E_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Bi-directional, Level-Shifting, Voltage Translator
TXS0108E TI1-TXS0108E_V01 Datasheet
2Mb / 36P
[Old version datasheet]   TXS0108E 8-Bit Bi-directional, Level-Shifting, Voltage Translator for Open-Drain and Push-Pull Applications
TXS0101 TI1-TXS0101_15 Datasheet
1Mb / 32P
[Old version datasheet]    1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
TXB0101 TI1-TXB0101_15 Datasheet
1Mb / 31P
[Old version datasheet]   1-Bit Bidirectional Level-Shifting and Voltage Translator
TXB0106 TI1-TXB0106_15 Datasheet
1Mb / 28P
[Old version datasheet]   6-Bit Bidirectional Level-Shifting and Voltage Translator
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000_03 Datasheet
108Kb / 13P
   22-bit bi-directional low voltage translator
2003 Apr 01
GTL2002 PHILIPS-GTL2002 Datasheet
114Kb / 14P
   2-bit bi-directional low voltage translator
2004 Sep 29
logo
ON Semiconductor
FXWA9306 ONSEMI-FXWA9306 Datasheet
396Kb / 11P
   Dual Bi-Directional I2C-Bus and SMBus Voltage-Level Translator
September 2017 Rev. 2
logo
Fairchild Semiconductor
FXLH1T45 FAIRCHILD-FXLH1T45 Datasheet
338Kb / 11P
   Low Voltage 1-Bit Bi-directional Level Translator with Configurable Voltage Supplies and Bushold Data Inputs
logo
Pericom Semiconductor C...
PI4ULS3V502 PERICOM-PI4ULS3V502 Datasheet
417Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com