Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SEMH4 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. SEMH4
Description  NPN Silicon Digital Transistor Array Preliminary data
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

   
 1 page
background image
SEMH4
Feb-25-2004
1
NPN Silicon Digital Transistor Array
Preliminary data
• Switching circuit, inverter, interface circuit,
driver circuit
• Two ( galvanic) internal isolated Transistors
with good matching in one package
• Built in bias resistor (R1=10kΩ)
1
3
6
5
4
2
EHA07265
6
54
3
2
1
C1
B2
E2
C2
B1
E1
TR1
TR2
R1
R1
Type
Marking
Pin Configuration
Package
SEMH4
WV
1=E1 2=B1 3=C2 4=E2 5=B2 6=C1 SOT666
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
50
V
Collector-base voltage
VCBO
50
Emitter-base voltage
VEBO
5
Input on Voltage
Vi(on)
20
DC collector current
IC
100
mA
Total power dissipation
, TS = 75 °C
Ptot
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point1)
RthJS
≤ 300
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SEMD48NPN/PNP Silicon Digital Transistor Array Preliminary data 1 2 3 4 5 MoreInfineon Technologies AG
SEMH1NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
SEMH2NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
SEMH7NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
SEMH9NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
SEMH10NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
SEMH11NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
SEMH13NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
SEMD2NPN/PNP Silicon Digital Transistor Array Preliminary data 1 2 3 4 5 Infineon Technologies AG
SEMD3NPN/PNP Silicon Digital Transistor Array Preliminary data 1 2 3 4 5 Infineon Technologies AG

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl