Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AX60501WBX300 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX60501WBX300
Description  6-slot ShoeBox Chassis
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX60501WBX300 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX60501WBX300 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Overview
Embedded
Systems
Embedded
Systems for
Transportation
Embedded
Field
Controllers
Industrial
Firewall
Digital Signage
Solutions
448
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Embedded
MicroBoxes
Industrial
Barebone
Systems
Industrial
Chassis
Backplanes
Power
Supplies
Peripherals &
Accessories
8
AX60501
6-slot ShoeBox Chassis
Desktop or wallmount industrial computer chassis
One 5.25" and two 3.5" HDD drive bays
Equipped with a PS/2 type power supply
Features
Specifications
Standard Color
Beige
Construction
Heavy-duty steel
Drive Capacity
Exposed 1 x 5.25" HDD drive bay and 1 x 3.5" HDD drive bay;
Internal 1 x 3.5" HDD drive bay
Cooling
1 x 9 cm ball-bearing fan (51 CFM/each) with a removable
filter
Front Panel Indicators
1 x power on/off
Front Panel Controls
1 x power on/off; 1 x system reset
Front Panel Connector
1 x PS/2 6-pin keyboard & mouse, 2 x USB
System Board
SBCs
Expansion Interface
6-slot backplane
Operating Temperature
0°C ~ +40°C (+32°F ~ +104°F)
Dimensions
240.2 mm (9.45") (W) x 401.4 mm (15.8") (D) x 154.7 mm (6.1") (H)
Weight (net/gross)
9 kg (19.84 lb)/10.3 kg (22.7 lb)
Power Supply Specifications
Items
Watt
Specifications
Input
Output
MTBF
PS302-
XP2
ATX 300W
(PFC)
AC 100~240V
(Auto)
+5V @ 16A
+12V1 @ 17A
+12V2 @ 17A
-12V @ 0.3A
+3.3V @ 19A
+5VSB @ 2.5A
100,000
hours
Ordering Information
AX60501WB/X300
With ATX 300W power supply
AX60501WB/X400
With ATX 400W power supply
AX60501WB/X500
With ATX 500W power supply
*Specifications and certifications are based on options and may vary.
Backplane Options
Models
Slots per Segment
(ISA/PCI/PCIe/CPU)
Segment
ATX6022/6
1/4/0/1
Single
Models
Slots per Segment
(ISA/PCI/PCIe/CPU)
Segment
FAB105
0/3/1/1
Single
FAB109
0/0/4/1
Single
FAB110
0/2/2/1
Single
HAB206
0/3/1/1
Single
PICMG 1.0
PICMG 1.3
Optional Items
ATX 400W power supply with PFC
ATX 500W power supply with PFC
Top view
Equipped with a power supply bracket
securing the power supply better when
the chassis is positioned in 90º orientation
Dimensions


Similar Part No. - AX60501WBX300

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX60501WB/X300 AXIOMTEK-AX60501WB/X300 Datasheet
208Kb / 1P
   Desktop or wallmount industrial computer chassis
AX60501WB/X400 AXIOMTEK-AX60501WB/X400 Datasheet
208Kb / 1P
   Desktop or wallmount industrial computer chassis
AX60501WB/X500 AXIOMTEK-AX60501WB/X500 Datasheet
208Kb / 1P
   Desktop or wallmount industrial computer chassis
More results

Similar Description - AX60501WBX300

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX60501 AXIOMTEK-AX60501_17 Datasheet
225Kb / 1P
   6-slot ShoeBox Chassis
AX60530 AXIOMTEK-AX60530_17 Datasheet
161Kb / 1P
   6-slot ShoeBox Chassis
AX60551 AXIOMTEK-AX60551_17 Datasheet
307Kb / 2P
   8-slot ShoeBox Chassis
AX60552 AXIOMTEK-AX60552_17 Datasheet
395Kb / 2P
   8-Slot ShoeBox Chassis
AX60551 AXIOMTEK-AX60551_16 Datasheet
129Kb / 1P
   8-slot ShoeBox Chassis
AX60552 AXIOMTEK-AX60552_16 Datasheet
396Kb / 2P
   8-Slot ShoeBox Chassis
logo
Adlink Technology Inc.
CPCIS-2501 ADLINK-CPCIS-2501 Datasheet
339Kb / 2P
   3U CompactPCI 6-slot Cubic Chassis
logo
Advantech Co., Ltd.
IPC-6606BP-00XE ADVANTECH-IPC-6606BP-00XE Datasheet
1Mb / 2P
   6/8-Slot Desktop/Wallmount Chassis
IPC-6806S-D ADVANTECH-IPC-6806S-D_V01 Datasheet
671Kb / 2P
   6-Slot Desktop/Wallmount Compact Chassis for Half-size Slot SBC
27-Jun-2018
IPC-6806S-25DE ADVANTECH-IPC-6806S-25DE Datasheet
587Kb / 2P
   6-Slot Desktop/Wallmount Compact Chassis for Half-Sized Slot SBC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com