Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4D08120E Datasheet(PDF) 6 Page - Cree, Inc

Part # C4D08120E
Description  Silicon Carbide Schottky Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4D08120E Datasheet(HTML) 6 Page - Cree, Inc

  C4D08120E_15 Datasheet HTML 1Page - Cree, Inc C4D08120E_15 Datasheet HTML 2Page - Cree, Inc C4D08120E_15 Datasheet HTML 3Page - Cree, Inc C4D08120E_15 Datasheet HTML 4Page - Cree, Inc C4D08120E_15 Datasheet HTML 5Page - Cree, Inc C4D08120E_15 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
6
C4D08120E Rev. D
Copyright © 2015 Cree, Inc. All rights reserved.
The information in this document is subject to change without notice.
Cree, the Cree logo, and Zero Recovery are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5451
www.cree.com/power
• RoHSCompliance
The levels of RoHS restricted materials in this product are below the maximum concentration values (also referred
to as the threshold limits) permitted for such substances, or are used in an exempted application, in accordance
with EU Directive 2011/65/EC (RoHS2), as implemented January 2, 2013. RoHS Declarations for this product can
be obtained from your Cree representative or from the Product Documentation sections of www.cree.com.
• REAChCompliance
REACh substances of high concern (SVHCs) information is available for this product. Since the European Chemi-
cal Agency (ECHA) has published notice of their intent to frequently revise the SVHC listing for the foreseeable
future,please contact a Cree representative to insure you get the most up-to-date REACh SVHC Declaration.
REACh banned substance information (REACh Article 67) is also available upon request.
This product has not been designed or tested for use in, and is not intended for use in, applications implanted into
the human body nor in applications in which failure of the product could lead to death, personal injury or property
damage, including but not limited to equipment used in the operation of nuclear facilities, life-support machines,
cardiacdefibrillatorsorsimilaremergencymedicalequipment,aircraftnavigationorcommunicationorcontrol
systems,orairtrafficcontrolsystems.
Notes
Cree SiC Schottky diode portfolio: http://www.cree.com/diodes
C3D Spice models: http://response.cree.com/Request_Diode_model
SiC MOSFET and diode reference designs: http://response.cree.com/SiC_RefDesigns
RelatedLinks
Diode Model
VT
RT
Diode Model CSD04060
Vf T = VT + If*RT
VT= 0.965 + (Tj * -1.3*10-3)
RT= 0.096 + (Tj * 1.06*10-3)
VfT= VT+If*RT
V
T =0.96+(TJ*-2.1*10
-3
)
R
T =0.06+(TJ*8.0*10
-4
)
Note: T
j = Diode Junction Temperature In Degrees Celsius,
valid from 25°C to 175°C


Similar Part No. - C4D08120E_15

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4D08120E CREE-C4D08120E Datasheet
643Kb / 6P
   Silicon Carbide Schottky Diode
logo
WOLFSPEED, INC.
C4D08120E WOLFSPEED-C4D08120E Datasheet
904Kb / 6P
   Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. F, 01-2017
More results

Similar Description - C4D08120E_15

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
   Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
   Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
   Silicon Carbide Schottky Diode
2001-09-07
logo
Pan Jit International I...
SIC04A065ND PANJIT-SIC04A065ND Datasheet
575Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Infineon Technologies A...
IDH08G120C5 INFINEON-IDH08G120C5_15 Datasheet
879Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
IDH10G120C5 INFINEON-IDH10G120C5_15 Datasheet
886Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
logo
Pan Jit International I...
SIC06A065D PANJIT-SIC06A065D Datasheet
426Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
SIC06A065S PANJIT-SIC06A065S Datasheet
411Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Cree, Inc
C3D16065A CREE-C3D16065A Datasheet
850Kb / 6P
   Silicon Carbide Schottky Diode
C3D30065D CREE-C3D30065D Datasheet
922Kb / 6P
   Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com