Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TYN1016 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # TYN1016
Description  16A SCRs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

TYN1016 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  TYN1016 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. TYN1016 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. TYN1016 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. TYN1016 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. TYN1016 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. TYN1016 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. TYN1016 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
TN16 and TYNx16 Series
16A SCRs
MAIN FEATURES:
DESCRIPTION
The TYN / TN16 SCR Series is suitable for
general purpose applications.
Using clip assembly technology, they provide a
superior performance in surge current capabilities.
Symbol
Value
Unit
IT(RMS)
16
A
VDRM/VRRM
600 to 1000
V
IGT
25
mA
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (180° conduction angle)
Tc = 110°C
16
A
T(AV)
Average on-state current (180° conduction angle)
Tc = 110°C
10
A
ITSM
Non repetitive surge peak on-state
current
tp = 8.3 ms
Tj = 25°C
200
A
tp = 10 ms
190
I
²tI²t Value for fusing
tp = 10 ms
Tj = 25°C
180
A2S
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 60 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4
A
PG(AV)
Average gate power dissipation
Tj = 125°C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
VRGM
Maximum peak reverse gate voltage
5
V
A
K
G
A
A
G
K
G
A
A
K
D2PAK
(TN16-G)
TO-220AB
(TYN)
www.kersemi.com


Similar Part No. - TYN1016

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN1016 STMICROELECTRONICS-TYN1016 Datasheet
92Kb / 7P
   16A SCRs
TYN1016RG STMICROELECTRONICS-TYN1016RG Datasheet
92Kb / 7P
   16A SCRs
More results

Similar Description - TYN1016

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN16 STMICROELECTRONICS-TN16 Datasheet
92Kb / 7P
   16A SCRs
logo
Nell Semiconductor Co.,...
16PT06AI NELLSEMI-16PT06AI Datasheet
661Kb / 6P
   Stansard SCRs, 16A
16PT NELLSEMI-16PT_14 Datasheet
662Kb / 6P
   Stansard SCRs, 16A
16PT NELLSEMI-16PT Datasheet
661Kb / 6P
   Stansard SCRs, 16A
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
   SCRS
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
   SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
   SCRS
logo
HAOPIN MICROELECTRONICS...
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
   SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
   SCRs
C106D HAOPIN-C106D Datasheet
236Kb / 4P
   SCRs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com