Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL51414Z Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SBL51414Z
Description  Low Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SBL51414Z Datasheet(HTML) 4 Page - Infineon Technologies AG

  SBL51414Z Datasheet HTML 1Page - Infineon Technologies AG SBL51414Z Datasheet HTML 2Page - Infineon Technologies AG SBL51414Z Datasheet HTML 3Page - Infineon Technologies AG SBL51414Z Datasheet HTML 4Page - Infineon Technologies AG SBL51414Z Datasheet HTML 5Page - Infineon Technologies AG SBL51414Z Datasheet HTML 6Page - Infineon Technologies AG SBL51414Z Datasheet HTML 7Page - Infineon Technologies AG SBL51414Z Datasheet HTML 8Page - Infineon Technologies AG SBL51414Z Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SBL52414x
Description
Data Sheet
4
2002-05-01
Figure 4
Compact Realization of the Transceiver in One Module
A decisive advantage of the module is its use of standard TO components. These
devices, produced in large quantities, are hermetically sealed and tested before they are
built in. This makes a very substantial contribution to the excellent reliability of the
module. The solid metal package of the module serves the same purpose. It allows the
use of modern laser welding techniques for reliable fixing of the different elements and
the fiber holder.
TO-Detector
Glass Lens
Fiber
Beam Splitter
TO-
Laser


Similar Part No. - SBL51414Z

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SBL51414Z INFINEON-SBL51414Z Datasheet
237Kb / 4P
   BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
MAY 2002
More results

Similar Description - SBL51414Z

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SBL52414X INFINEON-SBL52414X Datasheet
237Kb / 4P
   BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
MAY 2002
SBL82314G INFINEON-SBL82314G Datasheet
278Kb / 11P
   Low Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-01
SBM82314G INFINEON-SBM82314G Datasheet
278Kb / 11P
   Medium Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-01
SBH92314G-FSAN INFINEON-SBH92314G-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH92344G-FSAN INFINEON-SBH92344G-FSAN Datasheet
330Kb / 13P
   High Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-28
SBH52414G-FSAN INFINEON-SBH52414G-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52454G-FSAN INFINEON-SBH52454G-FSAN Datasheet
331Kb / 13P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBM52414G INFINEON-SBM52414G Datasheet
278Kb / 11P
   Medium Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-01
SBH52414X INFINEON-SBH52414X Datasheet
279Kb / 11P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52444G-FSAN INFINEON-SBH52444G-FSAN Datasheet
330Kb / 13P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com