Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL51214Z Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SBL51214Z
Description  Low Power BIDI Optical Standard Module 1310 nm Emitting, 1310 nm Receiving
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SBL51214Z Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SBL51214Z Datasheet HTML 2Page - Infineon Technologies AG SBL51214Z Datasheet HTML 3Page - Infineon Technologies AG SBL51214Z Datasheet HTML 4Page - Infineon Technologies AG SBL51214Z Datasheet HTML 5Page - Infineon Technologies AG SBL51214Z Datasheet HTML 6Page - Infineon Technologies AG SBL51214Z Datasheet HTML 7Page - Infineon Technologies AG SBL51214Z Datasheet HTML 8Page - Infineon Technologies AG SBL51214Z Datasheet HTML 9Page - Infineon Technologies AG SBL51214Z Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SBL52214x
Technical Data
Data Sheet
6
2002-05-01
The electro-optical characteristics described in the following tables are only valid for use
within the specified maximum ratings or under the recommended operating conditions.
Transmitter Electro-Optical Characteristics
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Optical output power
(maximum)
P
F, max
0.4
mW
Emission wavelength center of
range,
P
F = 0.5 PF, max.
λ
trans
1270
1350
nm
Spectral width (RMS)
σλ
5
Temperature coefficient of
wavelength
TC
0.5
nm/K
Threshold current
(whole temperature range)
I
th
245
mA
Forward voltage,
P
F = 0.5 PF, max.
V
F
1.5
V
Radiant power at
I
th
P
th
20
µW
Slope efficiency (–40...85°C)
η
860
mW/A
Variation of 1st derivative of P/I
(0.05 to 0.4 mW)
S
var
–30
30
%
Differential series resistance
R
S
8
Rise time (10%–90%)
t
r
100
200
ps
Fall time (10%–90%)
t
f
270
500
Monitor Diode Electro-Optical Characteristics
Parameter
Symbol
Limit Values
Unit
min.
max.
Dark current,
V
R = 5 V, PF = 0, T = Tmax
I
R
200
nA
Photocurrent,
V
R = 5 V, PF = 0.5 PF, max
I
P
50
1500
µA
Capacitance,
V
R = 5 V, f = 1 MHz
C
5
10
pF
Tracking error
1),
V
R = 5 V
1)
The tracking error TE is the maximum deviation of
P
F at constant current Imon over a specified temperature
range and relative to the reference point:
I
mon, ref = Imon (T = 25°C, PF = 0.5 PF, max.). Thus, TE is given by:
TE
–1
1
dB
TE dB
[]
10
P
F TC
[]
P
F 25°C
[]
-------------------------
log
×
=


Similar Part No. - SBL51214Z

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SBL5100 BILIN-SBL5100 Datasheet
227Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
SBL5100 LUGUANG-SBL5100 Datasheet
209Kb / 2P
   Schottky Barrier Rectifiers
logo
Sangdest Microelectroni...
SBL5100 SMC-SBL5100 Datasheet
148Kb / 5P
   Guard Ring Die Construction for Transient Protection
logo
SMC Diode Solutions Co....
SBL5100 SMCDIODE-SBL5100 Datasheet
274Kb / 4P
   SBL5100 SCHOTTKY RECTIFIER
Rev. C
logo
Infineon Technologies A...
SBL51414G INFINEON-SBL51414G Datasheet
278Kb / 11P
   Low Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-01
More results

Similar Description - SBL51214Z

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SBM52214G INFINEON-SBM52214G Datasheet
277Kb / 11P
   Medium Power BIDI Optical Standard Module 1310 nm Emitting, 1310 nm Receiving
2002-05-01
SBL52414X INFINEON-SBL52414X Datasheet
237Kb / 4P
   BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
MAY 2002
SBL82314G INFINEON-SBL82314G Datasheet
278Kb / 11P
   Low Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-01
SBL52414G INFINEON-SBL52414G Datasheet
278Kb / 11P
   Low Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-01
SBM82314G INFINEON-SBM82314G Datasheet
278Kb / 11P
   Medium Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-01
SBH92314G-FSAN INFINEON-SBH92314G-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH92344G-FSAN INFINEON-SBH92344G-FSAN Datasheet
330Kb / 13P
   High Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-28
SBH52414G-FSAN INFINEON-SBH52414G-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52454G-FSAN INFINEON-SBH52454G-FSAN Datasheet
331Kb / 13P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBM52414G INFINEON-SBM52414G Datasheet
278Kb / 11P
   Medium Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com