Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C5750X7T2E225K250KE Datasheet(PDF) 1 Page - TDK Electronics

Part # C5750X7T2E225K250KE
Description  Commercial Grade ( Soft Termination )
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C5750X7T2E225K250KE Datasheet(HTML) 1 Page - TDK Electronics

  C5750X7T2E225K250KE Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Commercial Grade ( Soft Termination )
C5750 [EIA CC2220]
L
5.70mm +0.5,-0.4mm
W
5.00mm +/-0.4mm
T
2.50mm +/-0.3mm
B
0.20mm Min.
G
X7T (-55 to 125 degC +22,-33%)
2E (250Vdc)
2.2uF
K (+/-10%)
2.5% Max.
227Mohm Min.
Not Applicable
All specifications are subject to change without notice.
January 4, 2016
C5750X7T2E225K250KE
TDK Item Description : C5750X7T2E225KT***S
Cap. vs. Freq. Characteristic
1
10
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|, ESR vs. Freq. Characteristics
0.001
0.01
0.1
1
10
100
1000
10000
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|
ESR
DC Bias Characteristic
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
50
100
150
200
250
300
DC Bias/V
Temperature Characteristics
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
-80
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature/degC
Temp.Chara.
TCBias(1/2Rated)
Ripple Temperature Rise Characteristics
0
5
10
15
20
25
012
345
Current/Arms
100kHz
500kHz
1MHz
Application & Main Feature
Series
Dimensions
Temperature Characteristic
Rated Voltage
Capacitance
Capacitance Tolerance
Dissipation Factor
Insulation Resistance
AEC-Q200


Similar Part No. - C5750X7T2E225K250KE

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C5750X7T2E225K250KA TDK-C5750X7T2E225K250KA Datasheet
138Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C5750X7T2E225K250KA TDK-C5750X7T2E225K250KA_17 Datasheet
236Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C5750X7T2E225K250KE

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012X7R2E223K125AE TDK-C2012X7R2E223K125AE_16 Datasheet
138Kb / 1P
   Commercial Grade ( Soft Termination )
C3216X7T2E224M160AE TDK-C3216X7T2E224M160AE Datasheet
138Kb / 1P
   Commercial Grade ( Soft Termination )
C3216X7T2J473M160AE TDK-C3216X7T2J473M160AE Datasheet
138Kb / 1P
   Commercial Grade ( Soft Termination )
C3225X7T2W224K200AE TDK-C3225X7T2W224K200AE Datasheet
138Kb / 1P
   Commercial Grade ( Soft Termination )
C3225X7R2J473K200AE TDK-C3225X7R2J473K200AE Datasheet
138Kb / 1P
   Commercial Grade ( Soft Termination )
C3216X7R2J223M130AE TDK-C3216X7R2J223M130AE_16 Datasheet
139Kb / 1P
   Commercial Grade ( Soft Termination )
C3225X7T2J104K160AE TDK-C3225X7T2J104K160AE Datasheet
138Kb / 1P
   Commercial Grade ( Soft Termination )
C3225X7R2E104K200AE TDK-C3225X7R2E104K200AE_16 Datasheet
138Kb / 1P
   Commercial Grade ( Soft Termination )
C5750X7R2E105M230KE TDK-C5750X7R2E105M230KE_16 Datasheet
138Kb / 1P
   Commercial Grade ( Soft Termination )
C5750X7T2J474K250KE TDK-C5750X7T2J474K250KE Datasheet
139Kb / 1P
   Commercial Grade ( Soft Termination )
C5750X7T2J474M250KE TDK-C5750X7T2J474M250KE Datasheet
139Kb / 1P
   Commercial Grade ( Soft Termination )
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com